Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8307RHAT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8307RHAT
Description  Brushless DC Motor Controller
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8307RHAT Datasheet(HTML) 2 Page - Texas Instruments

  DRV8307RHAT Datasheet HTML 1Page - Texas Instruments DRV8307RHAT Datasheet HTML 2Page - Texas Instruments DRV8307RHAT Datasheet HTML 3Page - Texas Instruments DRV8307RHAT Datasheet HTML 4Page - Texas Instruments DRV8307RHAT Datasheet HTML 5Page - Texas Instruments DRV8307RHAT Datasheet HTML 6Page - Texas Instruments DRV8307RHAT Datasheet HTML 7Page - Texas Instruments DRV8307RHAT Datasheet HTML 8Page - Texas Instruments DRV8307RHAT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
2
DRV8307
SLVSCK2A – APRIL 2014 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV8307
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configurations and Functions ....................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 7
6.6
Timing Requirements ................................................ 8
6.7
Typical Characteristics .............................................. 8
7
Detailed Description .............................................. 9
7.1
Overview ................................................................... 9
7.2
Functional Block Diagram ....................................... 10
7.3
Feature Description................................................. 11
7.4
Device Functional Modes........................................ 19
8
Application and Implementation ........................ 20
8.1
Application Information............................................ 20
8.2
Typical Application .................................................. 22
9
Power Supply Recommendations ...................... 24
10
Layout................................................................... 24
10.1
Layout Guidelines ................................................. 24
10.2
Layout Example .................................................... 24
11
Device and Documentation Support ................. 25
11.1
Trademarks ........................................................... 25
11.2
Electrostatic Discharge Caution ............................ 25
11.3
Glossary ................................................................ 25
12
Mechanical, Packaging, and Orderable
Information ........................................................... 25
4 Revision History
Changes from Original (April 2014) to Revision A
Page
Changed Features From: PWM Input for Speed Control To: Single PWM Input Controls Speed......................................... 1
Changed the Simplified Schematic ........................................................................................................................................ 1
Changed the DESCRIPTION of pin LOCKn in the Pin Functions table ................................................................................ 4
Changed the "Power supply voltage MAX value From: 35 To: 42 in the Absolute Maximum Ratings ................................. 5
Moved the "Storage temperature range" to the Absolute Maximum Ratings ........................................................................ 5
Changed the Handling Rating table To: ESD Ratings .......................................................................................................... 5
Added the Timing Requirements ........................................................................................................................................... 8
Changed text in the Output Pre-Drivers section From: "The low-side gate drive ULSG is driven to VM ..." To: The
low-side gate drive ULSG is driven to VOUTL.." .................................................................................................................... 15
Added text to the Clock PWM Mode section following Figure 10: "When the DRV8307 is driving a motor,..." ................... 19
Added the NOTE to the Application and Implementation section ........................................................................................ 20
Deleted text from the ENABLEn Considerations section: "If ENABLEn is immediately returned to the active state,
the motor slows and stops for 1 s, then starts again." ........................................................................................................ 21
Added section: Faster Starting and Stopping ...................................................................................................................... 21
Changed Figure 13 .............................................................................................................................................................. 22
Changed the Layout Example image .................................................................................................................................. 24


Similar Part No. - DRV8307RHAT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8307 TI-DRV8307_15 Datasheet
975Kb / 34P
[Old version datasheet]   DRV8307 Brushless DC Motor Controller
More results

Similar Description - DRV8307RHAT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33033 ONSEMI-MC33033_07 Datasheet
413Kb / 27P
   Brushless DC Motor Controller
January, 2007 ??Rev. 9
MC33033 ONSEMI-MC33033 Datasheet
530Kb / 24P
   BRUSHLESS DC MOTOR CONTROLLER
1996 REV 3
logo
LSI Computer Systems
LS7560 LSI-LS7560 Datasheet
97Kb / 8P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UCC2626DW TI1-UCC2626DW Datasheet
685Kb / 23P
[Old version datasheet]   BRUSHLESS DC MOTOR CONTROLLER
logo
Sensitron
UC1625L SENSITRON-UC1625L Datasheet
62Kb / 4P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Integral Corp.
IL33035 INTEGRAL-IL33035 Datasheet
124Kb / 3P
   BRUSHLESS DC MOTOR CONTROLLER
logo
Texas Instruments
UC1625 TI-UC1625 Datasheet
313Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
ON Semiconductor
MC33035 ONSEMI-MC33035_06 Datasheet
527Kb / 28P
   Brushless DC Motor Controller
April, 2006 ??Rev. 8
logo
Texas Instruments
UCC2626 TI-UCC2626 Datasheet
209Kb / 15P
[Old version datasheet]   Brushless DC Motor Controller
logo
FOSLINK SEMICONDUCTOR C...
FSP33035 FOSLINK-FSP33035 Datasheet
1Mb / 28P
   BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com