Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV83055PHPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV83055PHPR
Description  Three Phase Gate Driver
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV83055PHPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV83055PHPR Datasheet HTML 2Page - Texas Instruments DRV83055PHPR Datasheet HTML 3Page - Texas Instruments DRV83055PHPR Datasheet HTML 4Page - Texas Instruments DRV83055PHPR Datasheet HTML 5Page - Texas Instruments DRV83055PHPR Datasheet HTML 6Page - Texas Instruments DRV83055PHPR Datasheet HTML 7Page - Texas Instruments DRV83055PHPR Datasheet HTML 8Page - Texas Instruments DRV83055PHPR Datasheet HTML 9Page - Texas Instruments DRV83055PHPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
6
DRV8305
SLVSCX2B – AUGUST 2015 – REVISED FEBRUARY 2016
www.ti.com
Product Folder Links: DRV8305
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001 (1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101 (2)
±500
(1)
IC is fully functional and tested in the range 4.4 to 45 V.
(2)
Subject to thermal dissipation limits.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VPVDD
Power supply voltage
4.4
45 (1)
V
VPVDD
Power supply voltage for voltage regulator operation
4.3
45 (2)
V
VPVDDRAMP
Power supply voltage ramp rate (PVDD = 0 to 20 V rising <3-mA pin sink
current)
1
V/µs
VPVDD-SH_X
Total voltage drop from PVDD to SH_X pins
4.5
V
ISRC_VCPH
External load on VCPH pin (current limit resistor in series to load)
10
mA
CO_OPA
Maximum external capacitive load on shunt amplifier (no external resistor on
output, excluding internal pin capacitance)
60
pF
InFAULT
nFAULT sink current (VnFAULT = 0.3 V)
7
mA
Fgate
Operating switching frequency of gate driver
200
kHz
IGATE
Total average gate driver current (HS + LS) – charge pump limited
30
mA
TA
Operating ambient temperature
–40
125
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC (1)
DRV8305
UNIT
PHP (HTQFP)
48 PINS
RθJA
Junction-to-ambient thermal resistance
26.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
12.9
°C/W
RθJB
Junction-to-board thermal resistance
7.6
°C/W
ψJT
Junction-to-top characterization parameter
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.6
°C/W


Similar Part No. - DRV83055PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV83055QPHPQ1 TI1-DRV83055QPHPQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV83055QPHPRQ1 TI1-DRV83055QPHPRQ1 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
More results

Similar Description - DRV83055PHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com