Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8303DCA Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8303DCA
Description  Three Phase Gate Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8303DCA Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8303DCA Datasheet HTML 2Page - Texas Instruments DRV8303DCA Datasheet HTML 3Page - Texas Instruments DRV8303DCA Datasheet HTML 4Page - Texas Instruments DRV8303DCA Datasheet HTML 5Page - Texas Instruments DRV8303DCA Datasheet HTML 6Page - Texas Instruments DRV8303DCA Datasheet HTML 7Page - Texas Instruments DRV8303DCA Datasheet HTML 8Page - Texas Instruments DRV8303DCA Datasheet HTML 9Page - Texas Instruments DRV8303DCA Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
DRV8303
SLOS846B – SEPTEMBER 2013 – REVISED NOVEMBER 2015
www.ti.com
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted).
MIN NOM MAX
UNIT
VPVDD
DC supply voltage PVDD for normal operation
Relative to PGND
6
60
V
IDIN_EN
Input current of digital pins when EN_GATE is high
100
µA
IDIN_DIS
Input current of digital pins when EN_GATE is low
1
µA
CO_OPA
Maximum output capacitance on outputs of shunt amplifier
20
pF
Dead time control resistor range. Time range is 50ns (-GND) to 500 ns (150 k
Ω) with a
RDTC
0
150
k
linear approximation.
IFAULT
nFAULT pin sink current. Open drain
V = 0.4 V
2
mA
IOCTW
nOCTW pin sink current. Open drain
V = 0.4 V
2
mA
VREF
External voltage reference voltage for current shunt amplifiers
2
6
V
Qg(TOT) = 25 nC or total 30-mA gate
fgate
Operating switching frequency of gate driver
200
kHz
drive average current
Igate
Total average gate drive current
30
mA
TA
Ambient temperature
–40
125
°C
6.4 Thermal Information
DRV8303
THERMAL METRIC(1)
DCA (TSSOP)
UNIT
48 PINS
RθJA
Junction-to-ambient thermal resistance
30.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
33.5
°C/W
RθJB
Junction-to-board thermal resistance
17.5
°C/W
ψJT
Junction-to-top characterization parameter
0.9
°C/W
ψJB
Junction-to-board characterization parameter
7.2
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
PVDD = 6 V to 60 V, TC = 25°C, unless specified under test condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT PINS: INH_X, INL_X, SCS, SDI, SCLK, EN_GATE, DC_CAL
VIH
High input threshold
2
V
VIL
Low input threshold
0.8
V
RPULL_DOWN – INTERNAL PULLDOWN RESISTOR FOR GATE DRIVER INPUTS
REN_GATE
Internal pulldown resistor for EN_GATE
100
k
Ω
Internal pulldown resistor for high side
RINH_X
EN_GATE high
100
k
Ω
PWMs (INH_A, INH_B, and INH_C)
Internal pulldown resistor for low side PWMs
RINH_X
EN_GATE high
100
k
Ω
(INL_A, INL_B, and INL_C)
RSCS
Internal pulldown resistor for nSCS
EN_GATE high
100
k
Ω
RSDI
Internal pulldown resistor for SDI
EN_GATE high
100
k
Ω
RDC_CAL
Internal pulldown resistor for DC_CAL
EN_GATE high
100
k
Ω
RSCLK
Internal pulldown resistor for SCLK
EN_GATE high
100
k
Ω
OUTPUT PINS: nFAULT AND nOCTW
VOL
Low-output threshold
IO = 2 mA
0.4
V
External 47-k
Ω pullup resistor connected
VOH
High-output threshold
2.4
V
to 3-5.5 V
6
Submit Documentation Feedback
Copyright © 2013–2015, Texas Instruments Incorporated
Product Folder Links: DRV8303


Similar Part No. - DRV8303DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCA TI1-DRV8303DCA Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCAR TI1-DRV8303DCAR Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
DRV8303DCAR TI1-DRV8303DCAR Datasheet
1Mb / 29P
[Old version datasheet]   THREE PHASE PRE-DRIVER WITH DUAL CURRENT SHUNT AMPLIFIERS
More results

Similar Description - DRV8303DCA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
logo
Freescale Semiconductor...
33395 FREESCALE-33395 Datasheet
782Kb / 16P
   Three-Phase Gate Driver IC
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com