Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHB0801ABWREANUA Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JHB0801ABWREANUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHB0801ABWREANUA Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JHB0801ABWREANUA Datasheet HTML 1Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 2Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 3Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 4Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 5Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 6Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 7Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 8Page - Jewel Hill Electronic JHB0801ABWREANUA Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JHB0801A
VER: 0.01
- 3 -
Issue date: 2013/09/21
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL DESCRIPTION
The JHB0801A is a 8C x 1L Character LCD module. It has a STN panel composed of 40 segments
and 8 commons. The LCM can be easily accessed by micro-controller via parallel interface.
2. FEATURES
Transflective and positive
Display Mode
STN(Y-G) module
Display Format
Character 8C x 1L
Input Data
8/4-bit parallel data input from MPU
Multiplexing Ratio 1/8 Duty
Bias
1/5 Bias
Viewing Direction 12 O’clock
Backlight
LED(Y-G)
3. MECHANICAL SPECIFICATION
Item
Specifications
Unit
Dimensional outline
60.0 x 37.5 x 13.0(max)
mm
Resolution
40segs x 8coms
dots
View area
48.0(W) x 13.0(H)
mm
Active area
42.6(W) x 8.35(H)
mm
Char. pitch
5.45(W) x 8.35(H)
mm
Char. Size
4.45(W) x 8.35(H)
mm
Dots pitch
0.9 (W)×1.05(H)
mm
Dots size
0. 85(W)×1.00(H)
mm


Similar Part No. - JHB0801ABWREANUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHB0802A JHE-JHB0802A Datasheet
575Kb / 23P
   The JHB0802A is a 8C x 2L Character LCD module. It has a STN panel composed of 40 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
JHB0802B JHE-JHB0802B Datasheet
464Kb / 23P
   The JHB0802B is a 8C x 2L Character LCD module. It has a STN panel composed of 40 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
More results

Similar Description - JHB0801ABWREANUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com