Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE6636 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SLE6636
Description  Secure Mobile Solutions
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE6636 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SLE6636 Datasheet HTML 1Page - Infineon Technologies AG SLE6636 Datasheet HTML 2Page - Infineon Technologies AG SLE6636 Datasheet HTML 3Page - Infineon Technologies AG SLE6636 Datasheet HTML 4Page - Infineon Technologies AG SLE6636 Datasheet HTML 5Page - Infineon Technologies AG SLE6636 Datasheet HTML 6Page - Infineon Technologies AG SLE6636 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Eurochip 66
Short Product Information
6 / 7
2003-08-05
2
General Description
SLE 6636/36E is designed for applications in prepaid telephone cards. The chip consists of an
EEPROM memory of 221 bit, a ROM of 16 or 24 bits respectively, a control/security unit and a
special computing unit for chip authentication.
Control Unit (Security Interface)
CLK
I/O
VCC
GND
RST
Address
Unit
Authentication
Unit
Programming Unit
Memory Unit
Counter
(PROM / EEPROM)
Identification Area
Data Areas (PROM)
16 bit Manufacturer Code
8 bit Manufacturer Data
40 bit blockable PROM
Authentication
Key 1 (PROM)
SLE 6636
SLE 6636E
Identification Area
16 bit Manufacturer Code
48 bit blockable PROM
optional
Authentication
Key 2 (PROM)
Backup Unit
Extended
Authentication
Mode
Figure 3
Block Diagram
• Memory Unit
Manufacturer Code (16-Bit Code) and Manufacturer Data (3rd Byte) for unique coding of an
application. For SLE 6636E its recommended to use the 3rd byte for administration purpose
to uniquely identify the application by the 16-bit manufacturer code and the 3rd byte;
Identification Data (e.g. serial number, expiry date);
Counter;
Data Areas.
• Address Unit
Setting of the address counter is synchronously with the CLK.
• Programming Unit
The programming voltage for the EEPROM/PROM is generated internally.


Similar Part No. - SLE6636

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66C160S INFINEON-SLE66C160S Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-T85 INFINEON-SLE66C160S-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5 INFINEON-SLE66C160S-V5 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-F7 INFINEON-SLE66C160S-V5-F7 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
SLE66C160S-V5-T85 INFINEON-SLE66C160S-V5-T85 Datasheet
33Kb / 7P
   Security & Chip Card ICs
2001.10
More results

Similar Description - SLE6636

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
   Secure Mobile Solutions
2003-08-07
SLE66CL80P INFINEON-SLE66CL80P Datasheet
172Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
Xicor Inc.
X76F200 XICOR-X76F200 Datasheet
77Kb / 16P
   Secure SerialFlash
logo
ATMEL Corporation
AT98SC016CU ATMEL-AT98SC016CU Datasheet
335Kb / 6P
   Secure ASSP
logo
Xicor Inc.
X76F128 XICOR-X76F128 Datasheet
91Kb / 17P
   Secure SerialFlash
X76F641 XICOR-X76F641 Datasheet
116Kb / 17P
   Secure SerialFlash
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com