Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV59350F Datasheet(PDF) 7 Page - Cree, Inc

Part # CGHV59350F
Description  350 W, 5200 - 5900 MHz, 50-Ohm Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV59350F Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGHV59350F Datasheet HTML 3Page - Cree, Inc CGHV59350F Datasheet HTML 4Page - Cree, Inc CGHV59350F Datasheet HTML 5Page - Cree, Inc CGHV59350F Datasheet HTML 6Page - Cree, Inc CGHV59350F Datasheet HTML 7Page - Cree, Inc CGHV59350F Datasheet HTML 8Page - Cree, Inc CGHV59350F Datasheet HTML 9Page - Cree, Inc CGHV59350F Datasheet HTML 10Page - Cree, Inc CGHV59350F Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
CGHV59350 Rev 0.0 - PRELIMINARY
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV59350-TB Application Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 5.1OHM, +/- 1%, 1/16W,0603
1
R2
RES, 10OHM, +/- 1%, 1/16W,0603
1
C1,C2
CAP, 5.6pF, +/- 0.25 pF,250V, 0603
2
C3,C8
CAP, 20pF, +/- 0.25 pF,250V, 0603
2
C4,C9
CAP, 470PF, 5%, 100V, 0603, X
2
C5
CAP, 0.1MF, 1206, 250 V, X7R
1
L1
IND, FERRITE, 220 OHM, 0603
1
C10
CAP, 1.0UF, 100V, 10%, X7R, 1210
1
C7
CAP, 5.6pF, +/- 0.25 pF,250V, 0603
1
C11
CAP, 3300 UF, +/-20%, 100V, ELECTROLYTIC
1
C12
CAP, 33 UF, 20%, G CASE
1
J1,J2
CONN, SMA, PANEL MOUNT JACK, FL
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
J4
CONNECTOR ; SMB, Straight, JACK,SMD
1
W1
CABLE ,18 AWG, 4.2
1
-
PCB, TEST FIXTURE, TACONIC RF35P 20MIL OVER
0.250 COPPER BACK, 2.5 X 3 X 0.26", CGHV59350-TB
1
-
2-56 SOC HD SCREW 1/4 SS
4
-
#2 SPLIT LOCKWASHER SS
4
Q1
CGHV59350
1
CGHV59350 Power Dissipation De-rating Curve
Figure 4. - Transient Power Dissipation De-Rating Curve
Note 1. Area exceeds Maximum Case Temperature (See Page 2).
0
50
100
150
200
250
300
350
0
25
50
75
100
125
150
175
200
225
250
Maximum Case Temperature (°C)
CGHV59350 Power Dissipation De-Rating Curve
Note 1


Similar Part No. - CGHV59350F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV59350 WOLFSPEED-CGHV59350 Datasheet
3Mb / 14P
   350 W, 5.2 - 5.9 GHz, 50-Ohm Input/Output Matched, GaN HEMT for C-Band Radar Systems
Rev. 1.6, 2023-05-24
More results

Similar Description - CGHV59350F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA5259050F CREE-CMPA5259050F Datasheet
909Kb / 11P
   50 W, 5200 - 5900 MHz, 28 V, GaN MMIC for Radar Power Amplifiers
CMPA5259025F CREE-CMPA5259025F Datasheet
796Kb / 11P
   25 W, 5200 - 5900 MHz, 28 V, GaN MMIC for Radar Power Amplifiers
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
   500 W, 2700 - 3100 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
   240 W, 2700-3100 MHz, 50-ohm Input
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
   240 W, 3100-3500 MHz, 50-ohm Input/
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
CGHV96100F2 CREE-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-WFB5 SUNTSU-SATCA-3C1GF-WFB5 Datasheet
1Mb / 7P
   IEEE802.11a (5150~5900 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com