Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV59350F Datasheet(PDF) 6 Page - Cree, Inc

Part # CGHV59350F
Description  350 W, 5200 - 5900 MHz, 50-Ohm Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV59350F Datasheet(HTML) 6 Page - Cree, Inc

Back Button CGHV59350F Datasheet HTML 2Page - Cree, Inc CGHV59350F Datasheet HTML 3Page - Cree, Inc CGHV59350F Datasheet HTML 4Page - Cree, Inc CGHV59350F Datasheet HTML 5Page - Cree, Inc CGHV59350F Datasheet HTML 6Page - Cree, Inc CGHV59350F Datasheet HTML 7Page - Cree, Inc CGHV59350F Datasheet HTML 8Page - Cree, Inc CGHV59350F Datasheet HTML 9Page - Cree, Inc CGHV59350F Datasheet HTML 10Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CGHV59350 Rev 0.0 - PRELIMINARY
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Figure 5. - Output Power vs. Time
V
DD = 50V, PIN=46 dBm, Duty Cycle = 10%
56.2
56.3
56.4
56.5
56.6
56.7
56.8
56.9
57
57.1
Output Power vs. time
VDD = 50 V, PIN = 46 dBm, Duty Cycle = 10 %
25uS
50uS
100uS
300uS
500uS
55.5
55.6
55.7
55.8
55.9
56
56.1
56.2
-50
0
50
100
150
200
250
300
350
400
450
500
550
Time (uS)


Similar Part No. - CGHV59350F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV59350 WOLFSPEED-CGHV59350 Datasheet
3Mb / 14P
   350 W, 5.2 - 5.9 GHz, 50-Ohm Input/Output Matched, GaN HEMT for C-Band Radar Systems
Rev. 1.6, 2023-05-24
More results

Similar Description - CGHV59350F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CMPA5259050F CREE-CMPA5259050F Datasheet
909Kb / 11P
   50 W, 5200 - 5900 MHz, 28 V, GaN MMIC for Radar Power Amplifiers
CMPA5259025F CREE-CMPA5259025F Datasheet
796Kb / 11P
   25 W, 5200 - 5900 MHz, 28 V, GaN MMIC for Radar Power Amplifiers
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
   500 W, 2700 - 3100 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
CGH31240F CREE-CGH31240F Datasheet
2Mb / 12P
   240 W, 2700-3100 MHz, 50-ohm Input
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
   240 W, 3100-3500 MHz, 50-ohm Input/
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
CGHV96100F2 CREE-CGHV96100F2 Datasheet
1Mb / 13P
   100 W, 7.9 - 9.6 GHz, 50-ohm, Input
logo
Suntsu Electronics, Inc...
SATCA-3C1GF-WFB5 SUNTSU-SATCA-3C1GF-WFB5 Datasheet
1Mb / 7P
   IEEE802.11a (5150~5900 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com