Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV40100F Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV40100F
Description  100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40100F Datasheet(HTML) 1 Page - Cree, Inc

  CGHV40100F Datasheet HTML 1Page - Cree, Inc CGHV40100F Datasheet HTML 2Page - Cree, Inc CGHV40100F Datasheet HTML 3Page - Cree, Inc CGHV40100F Datasheet HTML 4Page - Cree, Inc CGHV40100F Datasheet HTML 5Page - Cree, Inc CGHV40100F Datasheet HTML 6Page - Cree, Inc CGHV40100F Datasheet HTML 7Page - Cree, Inc CGHV40100F Datasheet HTML 8Page - Cree, Inc CGHV40100F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV40100
100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Cree’s CGHV40100 is an unmatched, gallium nitride (GaN) high electron
mobility transistor (HEMT). The CGHV40100, operating from a 50 volt
rail, offers a general purpose, broadband solution to a variety of RF and
microwave applications. GaN HEMTs offer high efficiency, high gain and
wide bandwidth capabilities making the CGHV40100 ideal for linear and
compressed amplifier circuits. The transistor is available in a 2-lead flange
and pill package.
Package Types: 440193 & 440206
PN: CGHV40100F & CGHV40100P
Features
• Up to 4 GHz Operation
• 100 W Typical Output Power
• 17.5 dB Small Signal Gain at 2.0 GHz
• Application Circuit for 0.5 - 2.5 GHz
• 55 % Efficiency at P
SAT
• 50 V Operation
Typical Performance Over 500 MHz - 2.5 GHz (T
C = 25˚C), 50 V
Parameter
500 MHz
1.0 GHz
1.5 GHz
2.0 GHz
2.5 GHz
Units
Small Signal Gain
17.6
16.9
17.7
17.5
14.8
dB
Saturated Output Power
147
100
141
116
112
W
Drain Efficiency @ P
SAT
68
56
58
54
54
%
Input Return Loss
6
5.1
10.5
5.5
8.8
dB
Note:
Measured CW in the CGHV40100F-AMP application circuit.


Similar Part No. - CGHV40100F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
More results

Similar Description - CGHV40100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40180F WOLFSPEED-CGHV40180F Datasheet
2Mb / 16P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30
CGHV40180P WOLFSPEED-CGHV40180P Datasheet
713Kb / 11P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev 1.3 - April 2020
CG2H30070F WOLFSPEED-CG2H30070F Datasheet
1Mb / 13P
   70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com