Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV40100 Datasheet(PDF) 2 Page - Cree, Inc

Part # CGHV40100
Description  100 W, DC - 4.0 GHz, 50 V, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV40100 Datasheet(HTML) 2 Page - Cree, Inc

  CGHV40100 Datasheet HTML 1Page - Cree, Inc CGHV40100 Datasheet HTML 2Page - Cree, Inc CGHV40100 Datasheet HTML 3Page - Cree, Inc CGHV40100 Datasheet HTML 4Page - Cree, Inc CGHV40100 Datasheet HTML 5Page - Cree, Inc CGHV40100 Datasheet HTML 6Page - Cree, Inc CGHV40100 Datasheet HTML 7Page - Cree, Inc CGHV40100 Datasheet HTML 8Page - Cree, Inc CGHV40100 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
CGHV40100 Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.CREE
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Absolute Maximum Ratings (not simultaneous) at 25˚C Case Temperature
Parameter
Symbol
Rating
Units
Conditions
Drain-Source Voltage
V
DSS
125
Volts
25˚C
Gate-to-Source Voltage
V
GS
-10, +2
Volts
25˚C
Storage Temperature
T
STG
-65, +150
˚C
Operating Junction Temperature
T
J
225
˚C
Maximum Forward Gate Current
I
GMAX
20.8
mA
25˚C
Maximum Drain Current1
I
DMAX
8.7
A
25˚C
Soldering Temperature2
T
S
245
˚C
Screw Torque
τ
40
in-oz
Thermal Resistance, Junction to Case3
R
θ
JC
1.62
˚C/W
85˚C
Thermal Resistance, Junction to Case4
R
θ
JC
1.72
˚C/W
85˚C
Case Operating Temperature5
T
C
-40, +150
˚C
30 seconds
Note:
1
Current limit for long term, reliable operation
2
Refer to the Application Note on soldering at www.cree.com/RF/Document-Library
3
Measured for the CGHV40100P at P
DISS = 83 W.
4
Measured for the CGHV40100F at P
DISS = 83 W.
5
See also, Power Derating Curve on Page 7
Electrical Characteristics (T
C = 25˚C)
Characteristics
Symbol
Min.
Typ.
Max.
Units
Conditions
DC Characteristics1
Gate Threshold Voltage
V
GS(th)
-3.8
-3.0
-2.3
V
DC
V
DS = 10 V, ID = 20.8 mA
Gate Quiescent Voltage
V
GS(Q)
-2.7
V
DC
V
DS = 50 V, ID = 0.6 A
Saturated Drain Current2
I
DS
15.6
18.7
A
V
DS = 6.0 V, VGS = 2.0 V
Drain-Source Breakdown Voltage
V
BR
150
V
DC
V
GS = -8 V, ID = 20.8 mA
RF Characteristics3 (T
C = 25˚C, F0 = 2.0 GHz unless otherwise noted)
Small Signal Gain
G
SS
17.5
dB
V
DD = 50 V, IDQ = 0.6 A
Power Gain
G
P
11.0
dB
V
DD = 50 V, IDQ = 0.6 A, POUT = PSAT
Power Output at Saturation4
P
SAT
116
W
V
DD = 50 V, IDQ = 0.6 A
Drain Efficiency
η
54
%
V
DD = 50 V, IDQ = 0.6 A, POUT = PSAT
Output Mismatch Stress
VSWR
10 : 1
Y
No damage at all phase angles,
V
DD = 50 V, IDQ = 0.6 A,
P
OUT = 100 W CW
Dynamic Characteristics5
Input Capacitance
C
GS
29.3
pF
V
DS = 50 V, Vgs = -8 V, f = 1 MHz
Output Capacitance
C
DS
7.3
pF
V
DS = 50 V, Vgs = -8 V, f = 1 MHz
Feedback Capacitance
C
GD
0.61
pF
V
DS = 50 V, Vgs = -8 V, f = 1 MHz
Notes:
1
Measured on wafer prior to packaging.
2
Scaled from PCM data.
3
Measured in CGHV40100-AMP
4
P
SAT is defined as IG
5
Includes package


Similar Part No. - CGHV40100

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
More results

Similar Description - CGHV40100

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV40050F CREE-CGHV40050F Datasheet
866Kb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40050 WOLFSPEED-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV40050 CREE-CGHV40050 Datasheet
2Mb / 11P
   50 W, DC - 4.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV40100 WOLFSPEED-CGHV40100 Datasheet
2Mb / 16P
   100 W, DC - 3.0 GHz, 50 V, GaN HEMT
Rev. 3.7, 2022-12-13
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
CGHV40030 WOLFSPEED-CGHV40030 Datasheet
3Mb / 15P
   30 W, DC - 6 GHz, 50 V, GaN HEMT
Rev. 1.6, 2022-12-13
CGHV40180F WOLFSPEED-CGHV40180F Datasheet
2Mb / 16P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev. 2.0, 2022-8-30
CGHV40180P WOLFSPEED-CGHV40180P Datasheet
713Kb / 11P
   180 W, DC - 2.0 GHz, 50 V, GaN HEMT
Rev 1.3 - April 2020
CG2H30070F WOLFSPEED-CG2H30070F Datasheet
1Mb / 13P
   70 W, DC - 4.0 GHz, 28 V, RF Power GaN HEMT
Rev 3.1 - April 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com