Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX33151-Q0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX33151-Q0B
Description  Industrial Unmanaged 16-port 10/100BASE Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX33151-Q0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX33151-Q0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX33151-Q0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX33151-Q0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX33151-Q0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EX33000 Series
www.EtherWAN.com
1
rev. A3
Overview
EtherWAN’s EX33000 Series is an industrial unmanaged Fast Ethernet switching platform, designed for easy deployment in harsh
environments.
The EX33000 Series is equipped with sixteen Fast Ethernet ports, or a combination of Fast Ethernet copper ports and two
100FX ports for long distance connectivity. Although unmanaged, the EX33000 is feature rich with full wire speed Fast Ethernet
throughput, making the EX33000 Series a powerful network switch.
EtherWAN – "When Connectivity is Crucial."
Spotlight
IndustrialGrade
◦ Supports -10°C to 60°C (14°F to 140°F) operating temperature
VersatilemountingOptions
◦ Supports DIN-Rail, panel and rack mounting
FiberConnectivity
◦ Up to two 100BASE-FX ports with SC, ST and WDM options
EX33000Series
IndustrialUnmanaged16-port10/100BASEEthernetSwitch
UL
508


Similar Part No. - EX33151-Q0B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX330 EXTECH-EX330 Datasheet
302Kb / 1P
   Compact MultiMeters Voltage Detector
EX330 EXTECH-EX330_15 Datasheet
281Kb / 1P
   Compact MultiMeters Voltage Detector
More results

Similar Description - EX33151-Q0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
   Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX42000 AXIOMTEK-EX42000 Datasheet
366Kb / 4P
   Industrial Unmanaged 5-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
   Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
EX34000 AXIOMTEK-EX34000 Datasheet
385Kb / 4P
   Industrial Unmanaged 8-port 10/100BASE PoE Ethernet Switch
logo
ORing Industrial Networ...
IES-1160 ORING-IES-1160 Datasheet
1Mb / 3P
   Industrial 16-port unmanaged Ethernet switch
IES-1142P ORING-IES-1142P Datasheet
824Kb / 3P
   Industrial 16-port unmanaged Ethernet switch
logo
Axiomtek Co., Ltd.
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
logo
ORing Industrial Networ...
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
   Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX17008A AXIOMTEK-EX17008A Datasheet
306Kb / 2P
   Unmanaged 8-port 10/100BASE-TX PoE Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com