Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV35150 Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV35150
Description  150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV35150 Datasheet(HTML) 1 Page - Cree, Inc

  CGHV35150 Datasheet HTML 1Page - Cree, Inc CGHV35150 Datasheet HTML 2Page - Cree, Inc CGHV35150 Datasheet HTML 3Page - Cree, Inc CGHV35150 Datasheet HTML 4Page - Cree, Inc CGHV35150 Datasheet HTML 5Page - Cree, Inc CGHV35150 Datasheet HTML 6Page - Cree, Inc CGHV35150 Datasheet HTML 7Page - Cree, Inc CGHV35150 Datasheet HTML 8Page - Cree, Inc CGHV35150 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV35150
150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Cree’s CGHV35150 is a gallium nitride (GaN) high electron mobility transistor (HEMT)
designed specifically with high efficiency, high gain and wide bandwidth capabilities,
which makes the CGHV35150 ideal for 2.9 - 3.5 GHz S-Band radar amplifier
applications. The transistor is supplied in a ceramic/metal flange and pill package.
Typical Performance 3.1 - 3.5 GHz (T
C = 85˚C)
Parameter
3.1 GHz
3.2 GHz
3.3 GHz
3.4 GHz
3.5 GHz
Units
Output Power
180
180
180
170
150
dB
Gain
13.5
13.5
13.5
13.3
12.7
dBc
Drain Efficiency
50
49
50
49
48
%
Note: Measured in the CGHV35150-AMP application circuit, under 300 µs pulse width, 20% duty cycle, P
IN = 39 dBm
Features:
• Rated Power = 150 W @ T
CASE = 85°C
• Operating Frequency = 2.9 - 3.5 GHz
• Transient 100 µsec - 300 µsec @ 20% Duty Cycle
• 13.5 dB Power Gain @ T
CASE = 85°C
• 50 % Typical Drain Efficiency @ T
CASE = 85°C
• Input Matched
• <0.3 dB Pulsed Amplitude Droop
Package Type: 440193 / 440206
PN: CGHV35150F / CGHV35150P


Similar Part No. - CGHV35150

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
More results

Similar Description - CGHV35150

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV35150 WOLFSPEED-CGHV35150 Datasheet
1Mb / 10P
   150 W, 2900 - 3500 MHz, 50V, GaN HEMT for S-Band Radar Systems
Rev.1.4, 2022-12-2
logo
Cree, Inc
CGHV37400F CREE-CGHV37400F Datasheet
815Kb / 11P
   400 W, 3500 - 3700 MHz, 50-Ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
CGHV35060MP CREE-CGHV35060MP_16 Datasheet
1Mb / 8P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
CGHV14500 CREE-CGHV14500 Datasheet
1Mb / 11P
   500 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
logo
Cree, Inc
CGHV14250 CREE-CGHV14250 Datasheet
1Mb / 11P
   250 W, 1200 - 1400 MHz, GaN HEMT for L-Band Radar Systems
CGHV14800 CREE-CGHV14800 Datasheet
765Kb / 9P
   800 W, 1200 - 1400 MHz, 50 V, GaN HEMT for L-Band Radar Systems
logo
WOLFSPEED, INC.
CGHV35120F WOLFSPEED-CGHV35120F Datasheet
837Kb / 12P
   120 W, 2.9 - 3.8 GHz, 50 V, GaN HEMT for S-Band Radar Systems
Rev. 1.0, 2022-8-3
CGHV14250 WOLFSPEED-CGHV14250 Datasheet
1Mb / 12P
   250 W, DC - 1.6 GHz, GaN HEMT for L-Band Radar Systems
Rev. 3.0, 2022-9-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com