Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX35082-01B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX35082-01B
Description  Industrial Unmanaged 8-port Gigabit Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX35082-01B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX35082-01B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX35082-01B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX35082-01B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX35082-01B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EX35000 Series
www.EtherWAN.com
1
rev. A9
Overview
EtherWAN’s EX35000 Series is an industrial unmanaged Gigabit switching platform, designed for easy deployment in harsh
environments.
The EX35000 Series is equipped with eight Gigabit Ethernet ports, or a combination of Gigabit copper ports and two Gigabit fiber
ports for long distance connectivity. Although unmanaged, the EX35000 is feature-rich with full wire speed Gigabit throughput,
making the EX35000 Series a powerful network switch.
EtherWAN – "When Connectivity is Crucial."
Spotlight
IndustrialGrade
◦ Supports -20°C to 60°C (-4°F to 140°F) operating temperature
VersatilemountingOptions
◦ DIN-Rail or panel mounting
FiberConnectivity
◦ Up to two 1000BASE ports with SC, ST and SFP options
EX35000Series
IndustrialUnmanaged8-portGigabitEthernetSwitch
UL
508


Similar Part No. - EX35082-01B

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
EX354RD AIM-TTI-EX354RD Datasheet
1Mb / 8P
   AIM & THURLBY THANDAR INSTRUMENTS
EX354RT AIM-TTI-EX354RT Datasheet
1Mb / 8P
   AIM & THURLBY THANDAR INSTRUMENTS
EX355P AIM-TTI-EX355P Datasheet
1Mb / 8P
   AIM & THURLBY THANDAR INSTRUMENTS
EX355R AIM-TTI-EX355R Datasheet
1Mb / 8P
   AIM & THURLBY THANDAR INSTRUMENTS
More results

Similar Description - EX35082-01B

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-1080-24V ORING-IGPS-1080-24V Datasheet
1Mb / 3P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1080-24V-I ORING-IGPS-1080-24V-I Datasheet
624Kb / 5P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
TGS-1080-M12-BP2 ORING-TGS-1080-M12-BP2 Datasheet
3Mb / 4P
    8-port unmanaged Gigabit Ethernet switch
TGS-1080-M12 ORING-TGS-1080-M12 Datasheet
3Mb / 4P
   8-port unmanaged Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-7629C-AE ADVANTECH-EKI-7629C-AE Datasheet
248Kb / 1P
   82G Combo Port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-1080A ORING-IGS-1080A Datasheet
825Kb / 3P
   Industrial 8-port slim type unmanaged Gigabit Ethernet switch
logo
Advantech Co., Ltd.
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com