Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV27100F Datasheet(PDF) 10 Page - Cree, Inc

Part # CGHV27100F
Description  100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV27100F Datasheet(HTML) 10 Page - Cree, Inc

Back Button CGHV27100F Datasheet HTML 3Page - Cree, Inc CGHV27100F Datasheet HTML 4Page - Cree, Inc CGHV27100F Datasheet HTML 5Page - Cree, Inc CGHV27100F Datasheet HTML 6Page - Cree, Inc CGHV27100F Datasheet HTML 7Page - Cree, Inc CGHV27100F Datasheet HTML 8Page - Cree, Inc CGHV27100F Datasheet HTML 9Page - Cree, Inc CGHV27100F Datasheet HTML 10Page - Cree, Inc CGHV27100F Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
CGHV27100 Rev 1.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2014-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Ordering Information
Order Number
Description
Unit of Measure
Image
CGHV27100F
GaN HEMT
Each
CGHV27100P
GaN HEMT
Each
CGHV27100-TB
Test board without GaN HEMT
Each
CGHV27100F-AMP
Test board with GaN HEMT installed
Each


Similar Part No. - CGHV27100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27015S CREE-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
logo
WOLFSPEED, INC.
CGHV27015S WOLFSPEED-CGHV27015S Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
Rev. 4.0, 2022-8-3
logo
Cree, Inc
CGHV27015S-AMP1 CREE-CGHV27015S-AMP1 Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
CGHV27015S-TR CREE-CGHV27015S-TR Datasheet
1Mb / 12P
   15 W, DC - 6.0 GHz, 50 V, GaN HEMT
CGHV27030S CREE-CGHV27030S Datasheet
3Mb / 28P
   30 W, DC - 6.0 GHz, GaN HEMT
More results

Similar Description - CGHV27100F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27060MP CREE-CGHV27060MP Datasheet
1Mb / 8P
   60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
logo
WOLFSPEED, INC.
CGHV35060MP WOLFSPEED-CGHV35060MP Datasheet
2Mb / 11P
   60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations
Rev. 2.4, 2022-12-2
logo
Cree, Inc
CGHV22200 CREE-CGHV22200 Datasheet
1Mb / 13P
   200 W, 1800-2200 MHz, GaN HEMT for LTE
logo
WOLFSPEED, INC.
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
   200 W, 50 V, GaN HEMT
CGHV40180F CREE-CGHV40180F Datasheet
1Mb / 12P
   180 W, DC - 2000 MHz, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com