Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV27060MP-AMP1 Datasheet(PDF) 1 Page - Cree, Inc

Part # CGHV27060MP-AMP1
Description  60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV27060MP-AMP1 Datasheet(HTML) 1 Page - Cree, Inc

  CGHV27060MP-AMP1 Datasheet HTML 1Page - Cree, Inc CGHV27060MP-AMP1 Datasheet HTML 2Page - Cree, Inc CGHV27060MP-AMP1 Datasheet HTML 3Page - Cree, Inc CGHV27060MP-AMP1 Datasheet HTML 4Page - Cree, Inc CGHV27060MP-AMP1 Datasheet HTML 5Page - Cree, Inc CGHV27060MP-AMP1 Datasheet HTML 6Page - Cree, Inc CGHV27060MP-AMP1 Datasheet HTML 7Page - Cree, Inc CGHV27060MP-AMP1 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Subject to change without notice.
www.cree.com/rf
CGHV27060MP
60 W, DC - 2700 MHz, 50 V, GaN HEMT for LTE and Pulse Radar Applications
Cree’s CGHV27060MP is a 60W gallium nitride (GaN) high electron mobility transistor
(HEMT) housed in a small plastic SMT package 4.4mm x 6.5mm. The transistor is a
broadband device with no internal input or output match which allows for the agility
to apply to a wide range of frequencies from UHF thru 2.7GHz. The CGHV27060MP
makes for an excellent transistor for pulsed applications at UHF, L Band or low S
Band (<2.7GHz). Additionally, the transistor is well suited for LTE micro basestation
amplifiers in the power class of 10 to 15W average power in high efficiency topologies
such as Class A/B, F or Doherty amplifiers.
PN: CGHV27060MP
Features - WCDMA
2.5 - 2.7 GHz Reference Design Amplifier
18.5 dB Gain at 14 W P
AVE
-35 dBc ACLR at 14 W P
AVE
35% Efficiency at 14 W P
AVE
High Degree of DPD Correction Can be Applied
Typical Performance Over 2.5 - 2.7 GHz (T
C = 25˚C) of Demonstration Amplifier
Parameter
2.5 GHz
2.6 GHz
2.7 GHz
Units
Gain @ 41.5 dBm Avg P
OUT
18.25
18.5
18.25
dB
ACLR @ 41.5 dBm Avg P
OUT
-34
-37
-38
dBc
Drain Efficiency @ 41.5 dBm Avg P
OUT
33
35
33
%
Note:
Measured in the CGHV27060MP-TB amplifier circuit, under WCDMA 3GPP test model 1, 64 DPCH, 45% clipping,
PAR = 7.5 dB @ 0.01% Probability on CCDF, V
DD = 50 V, IDS = 125 mA.
Typical Performance Over 2.5 - 2.7 GHz (T
C = 25˚C) of Demonstration Amplifier
Parameter
2.5 GHz
2.6 GHz
2.7 GHz
Units
Gain
16.5
16.3
16.2
dB
Output Power
84
82
79
W
Drain Efficiency
71
69
65
%
Note:
Measured in the CGHV27060MP-TB amplifier circuit, under pulse width 100 μs, 10% duty cycle, P
IN = 33 dBm.
PRELIMINARY
Features - Pulsed
16.5 dB Gain at Pulsed P
SAT
70% Efficiency at Pulsed P
SAT
80W at Pulsed P
SAT


Similar Part No. - CGHV27060MP-AMP1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV27060MP WOLFSPEED-CGHV27060MP Datasheet
1Mb / 15P
   60 W, DC - 2.7 GHz, 50 V, GaN HEMT for Communication Amplifiers and Pulse Radar Applications
Rev. 4.2, 2022-12-2
More results

Similar Description - CGHV27060MP-AMP1

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGHV35060MP WOLFSPEED-CGHV35060MP Datasheet
2Mb / 11P
   60 W, 2700-3800 MHz, 50 V GaN HEMT for S-Band Radar and LTE Base Stations
Rev. 2.4, 2022-12-2
CGHV27060MP WOLFSPEED-CGHV27060MP Datasheet
1Mb / 15P
   60 W, DC - 2.7 GHz, 50 V, GaN HEMT for Communication Amplifiers and Pulse Radar Applications
Rev. 4.2, 2022-12-2
logo
Cree, Inc
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
CGHV35060MP CREE-CGHV35060MP_16 Datasheet
1Mb / 8P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
CGHV35060MP CREE-CGHV35060MP Datasheet
573Kb / 6P
   60W, 2700-3500 MHz, 50V, GaN HEMT for S Band Radar and LTE base stations
CGHV40180F CREE-CGHV40180F Datasheet
1Mb / 12P
   180 W, DC - 2000 MHz, 50 V, GaN HEMT
CGHV40180P CREE-CGHV40180P Datasheet
1Mb / 12P
   180 W, DC - 2000 MHz, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com