Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX33151-20B Datasheet(PDF) 4 Page - Axiomtek Co., Ltd.

Part # EX33151-20B
Description  Industrial Unmanaged 16-port 10/100BASE Ethernet Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX33151-20B Datasheet(HTML) 4 Page - Axiomtek Co., Ltd.

  EX33151-20B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX33151-20B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX33151-20B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX33151-20B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
EX33000 Series
www.EtherWAN.com
4
rev. A3
Ordering Information - continued
100FXFiberOptions(X)
1
Multi Mode (SC) - 2Km
2
Multi Mode (ST) - 2Km
6
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 2Km
7
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 2Km
8
Multi Mode (SC) WDM-TX:1310nm/RX:1550nm - 5Km
9
Multi Mode (SC) WDM-TX:1550nm/RX:1310nm - 5Km
A
Single Mode (SC) - 20Km
B
Single Mode (SC) - 40Km
H
Single Mode (ST) - 20Km
P
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 20Km
Q
Single Mode (SC) WDM-TX:1550nm/RX:1310nm - 20Km
R
Single Mode (SC) WDM-TX:1310nm/RX:1550nm - 40Km
S
Single Mode (SC) WDM-TX:1550nm/RX:1310nm - 40Km
OptionalAccessories
KP-AA96-480
Panel Mounting Kit
KR-BK-43-400
Rack Mounting Kit
DR-30-24
30W/1.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-60-24
60W/2.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-75-24
75W/3.2A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-120-24
120W/5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
41-136046-X
36W/3A 12VDC Hardened Power Adapter with Open Wire in Aluminum Housing (for Terminal Block)
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA
41-136044-X
36W/3A 12VDC Hardened Power Adapter with Latched DC Jack in Aluminum Housing
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA


Similar Part No. - EX33151-20B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX330 EXTECH-EX330 Datasheet
302Kb / 1P
   Compact MultiMeters Voltage Detector
EX330 EXTECH-EX330_15 Datasheet
281Kb / 1P
   Compact MultiMeters Voltage Detector
More results

Similar Description - EX33151-20B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
   Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX42000 AXIOMTEK-EX42000 Datasheet
366Kb / 4P
   Industrial Unmanaged 5-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
   Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
EX34000 AXIOMTEK-EX34000 Datasheet
385Kb / 4P
   Industrial Unmanaged 8-port 10/100BASE PoE Ethernet Switch
logo
ORing Industrial Networ...
IES-1160 ORING-IES-1160 Datasheet
1Mb / 3P
   Industrial 16-port unmanaged Ethernet switch
IES-1142P ORING-IES-1142P Datasheet
824Kb / 3P
   Industrial 16-port unmanaged Ethernet switch
logo
Axiomtek Co., Ltd.
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
   Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
logo
ORing Industrial Networ...
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
   Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX17008A AXIOMTEK-EX17008A Datasheet
306Kb / 2P
   Unmanaged 8-port 10/100BASE-TX PoE Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com