Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV22200-TB Datasheet(PDF) 8 Page - Cree, Inc

Part # CGHV22200-TB
Description  200 W, 1800-2200 MHz, GaN HEMT for LTE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV22200-TB Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGHV22200-TB Datasheet HTML 4Page - Cree, Inc CGHV22200-TB Datasheet HTML 5Page - Cree, Inc CGHV22200-TB Datasheet HTML 6Page - Cree, Inc CGHV22200-TB Datasheet HTML 7Page - Cree, Inc CGHV22200-TB Datasheet HTML 8Page - Cree, Inc CGHV22200-TB Datasheet HTML 9Page - Cree, Inc CGHV22200-TB Datasheet HTML 10Page - Cree, Inc CGHV22200-TB Datasheet HTML 11Page - Cree, Inc CGHV22200-TB Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
CGHV22200 Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2012-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGHV22200-AMP Demonstration Amplifier Circuit Bill of Materials
Designator
Description
Qty
R1
RES, 1/16 W, 0603, 1%, 10.0 OHMS
1
R2
RES, 1/16 W, 0603, 1%, 5.1 OHMS
1
C4, C14, C24
CAP, 470 pF, 5%, 100 V, 0603, X
3
C6,C16, C26
CAP, 1.0 UF, 100 V, 10%, x7R, 121
3
C17, C27
CAP, 100 UF, 20%, 160 V, ELEC
2
C7
CAP, 10 UF, 16 V, TANTALUM, 2312
1
C1, C2, C3, C13, C23
CAP, 10.0 pF, 5%, 0603, ATC
5
C5, C15, C25
CAP, 33000 pF, 0805, 100 V, X7R
3
C11
CAP, 10 pF, 5%, 250 V, 0805, A
1
J1, J2
CONN, N, FEM, W/.500 SMA FLNG
2
J3
HEADER RT>PLZ .1CEN LK 9POS
1
PCB, CGHV22200F, RO4350,0.020” THK
1
2-56 SOC HD SCREW 1/4 SS
4
#2 SPLIT LOCKWASHER SS
4
CGHV22200
1


Similar Part No. - CGHV22200-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100-TB CREE-CGHV22100-TB Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100F CREE-CGHV22100F Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100F-AMP CREE-CGHV22100F-AMP Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100P CREE-CGHV22100P Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
More results

Similar Description - CGHV22200-TB

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
   200 W, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com