Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGHV22200 Datasheet(PDF) 11 Page - Cree, Inc

Part # CGHV22200
Description  200 W, 1800-2200 MHz, GaN HEMT for LTE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGHV22200 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGHV22200 Datasheet HTML 5Page - Cree, Inc CGHV22200 Datasheet HTML 6Page - Cree, Inc CGHV22200 Datasheet HTML 7Page - Cree, Inc CGHV22200 Datasheet HTML 8Page - Cree, Inc CGHV22200 Datasheet HTML 9Page - Cree, Inc CGHV22200 Datasheet HTML 10Page - Cree, Inc CGHV22200 Datasheet HTML 11Page - Cree, Inc CGHV22200 Datasheet HTML 12Page - Cree, Inc CGHV22200 Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
CGHV22200 Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2012-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Part Number System
Parameter
Value
Units
Upper Frequency1
2.2
GHz
Power Output
200
W
Package
Flange
-
Table 1.
Note1: Alpha characters used in frequency code
indicate a value greater than 9.9 GHz. See Table
2 for value.
Character Code
Code Value
A
0
B
1
C
2
D
3
E
4
F
5
G
6
H
7
J
8
K
9
Examples:
1A = 10.0 GHz
2H = 27.0 GHz
Table 2.
Package
Power Output (W)
Upper Frequency (GHz)
Cree GaN High Voltage
CGHV22200F


Similar Part No. - CGHV22200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100-TB CREE-CGHV22100-TB Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100F CREE-CGHV22100F Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100F-AMP CREE-CGHV22100F-AMP Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV22100P CREE-CGHV22100P Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
More results

Similar Description - CGHV22200

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV22100 CREE-CGHV22100 Datasheet
1,006Kb / 11P
   100 W, 1800-2200 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200_15 Datasheet
1Mb / 12P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGHV27200 CREE-CGHV27200 Datasheet
696Kb / 11P
   200 W, 2500-2700 MHz, GaN HEMT for LTE
CGH21240F CREE-CGH21240F Datasheet
1Mb / 15P
   240 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGH21120F CREE-CGH21120F Datasheet
1Mb / 13P
   120 W, 1800-2300 MHz, GaN HEMT for WCDMA, LTE, WiMAX
CGHV27100 CREE-CGHV27100 Datasheet
1Mb / 11P
   100 W, 2500-2700 MHz, 50 V, GaN HEMT for LTE
CGH25120F CREE-CGH25120F Datasheet
1Mb / 12P
   120 W, 2300-2700 MHz, GaN HEMT for WiMAX and LTE
logo
WOLFSPEED, INC.
CGHV14500 WOLFSPEED-CGHV14500 Datasheet
3Mb / 20P
   500 W, DC - 1800 MHz, GaN HEMT for L-Band Radar Systems
Rev. 5.0, 2022-7-27
CGHV40200PP WOLFSPEED-CGHV40200PP Datasheet
1Mb / 12P
   200 W, 50 V, GaN HEMT
Rev. 1.5, 2022-12-8
logo
Cree, Inc
CGHV40200PP CREE-CGHV40200PP Datasheet
713Kb / 13P
   200 W, 50 V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com