Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CX642PM5 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # SLE66CX642PM5
Description  Security & Chip Card ICs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CX642PM5 Datasheet(HTML) 6 Page - Infineon Technologies AG

  SLE66CX642PM5 Datasheet HTML 1Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 2Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 3Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 4Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 5Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 6Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 7Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 8Page - Infineon Technologies AG SLE66CX642PM5 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
SLE 66CX642P
Short Product Information
6 / 11
11.02
Ordering Information
Type
Package
1
Voltage
Range
Temperature
Range
Frequency Range
(ext. clock
frequency)
SLE 66CX642P M5
M5
SLE 66CX642P C
Die
2.7 V - 5.5 V
or
1.62 V – 5.5 V
– 25°C to + 70°C
or
– 25°C to + 85°C
1 MHz - 5 MHz
or
1 MHz - 7.5 MHz
For ordering information please refer to the databook and contact your sales representative.
Production sites:
Dresden (Germany) SLE 66CxxxP
UMC (Taiwan) SLE 66CxxxPU
Altis (France) SLE 66CxxxPA
1 available as wire-bonded module (M5) for embedding in plastic cards or as die (C) for customer packaging


Similar Part No. - SLE66CX642PM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CX640P INFINEON-SLE66CX640P Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-F7C INFINEON-SLE66CX640P-F7C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-F7M5 INFINEON-SLE66CX640P-F7M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-T85C INFINEON-SLE66CX640P-T85C Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
SLE66CX640P-T85M5 INFINEON-SLE66CX640P-T85M5 Datasheet
39Kb / 9P
   Security & Chip Card ICs
2001.08
More results

Similar Description - SLE66CX642PM5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com