Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH55030P2 Datasheet(PDF) 8 Page - Cree, Inc

Part # CGH55030P2
Description  25 W, C-band, Unmatched, GaN HEMT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH55030P2 Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGH55030P2 Datasheet HTML 2Page - Cree, Inc CGH55030P2 Datasheet HTML 3Page - Cree, Inc CGH55030P2 Datasheet HTML 4Page - Cree, Inc CGH55030P2 Datasheet HTML 5Page - Cree, Inc CGH55030P2 Datasheet HTML 6Page - Cree, Inc CGH55030P2 Datasheet HTML 7Page - Cree, Inc CGH55030P2 Datasheet HTML 8Page - Cree, Inc CGH55030P2 Datasheet HTML 9Page - Cree, Inc CGH55030P2 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
CGH55030F2_P2 Rev 3.2
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/wireless
Copyright © 2008-2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH55030
(Small Signal, V
DS = 28 V, IDQ = 250 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.917
-157.22
12.62
91.45
0.018
7.56
0.458
-158.97
600 MHz
0.916
-161.92
10.57
87.33
0.018
4.70
0.465
-160.93
700 MHz
0.916
-165.46
9.07
83.78
0.018
2.41
0.472
-162.19
800 MHz
0.916
-168.28
7.94
80.58
0.018
0.51
0.478
-163.04
900 MHz
0.916
-170.61
7.05
77.64
0.017
-1.12
0.485
-163.64
1.0 GHz
0.916
-172.60
6.33
74.88
0.017
-2.55
0.493
-164.09
1.1 GHz
0.917
-174.33
5.74
72.25
0.017
-3.82
0.500
-164.45
1.2 GHz
0.917
-175.88
5.24
69.73
0.017
-4.94
0.508
-164.77
1.3 GHz
0.918
-177.28
4.82
67.30
0.017
-5.95
0.516
-165.06
1.4 GHz
0.918
-178.57
4.46
64.94
0.017
-6.84
0.525
-165.36
1.5 GHz
0.919
-179.78
4.14
62.65
0.016
-7.63
0.533
-165.67
1.6 GHz
0.919
179.09
3.87
60.41
0.016
-8.31
0.542
-165.99
1.7 GHz
0.920
178.01
3.62
58.22
0.016
-8.90
0.550
-166.35
1.8 GHz
0.921
176.98
3.40
56.07
0.016
-9.39
0.559
-166.73
1.9 GHz
0.921
175.99
3.21
53.97
0.015
-9.77
0.568
-167.14
2.0 GHz
0.922
175.03
3.03
51.90
0.015
-10.06
0.577
-167.59
2.1 GHz
0.923
174.09
2.87
49.87
0.015
-10.24
0.585
-168.07
2.2 GHz
0.924
173.17
2.73
47.87
0.014
-10.31
0.594
-168.57
2.3 GHz
0.924
172.27
2.60
45.91
0.014
-10.27
0.602
-169.11
2.4 GHz
0.925
171.39
2.47
43.97
0.014
-10.12
0.610
-169.67
2.5 GHz
0.926
170.51
2.36
42.07
0.014
-9.85
0.619
-170.26
2.6 GHz
0.926
169.65
2.26
40.19
0.013
-9.46
0.626
-170.88
2.7 GHz
0.927
168.79
2.16
38.34
0.013
-8.95
0.634
-171.52
2.8 GHz
0.928
167.93
2.08
36.52
0.013
-8.31
0.642
-172.17
2.9 GHz
0.928
167.08
1.99
34.72
0.013
-7.54
0.649
-172.85
3.0 GHz
0.929
166.24
1.92
32.94
0.013
-6.65
0.656
-173.55
3.2 GHz
0.930
164.54
1.78
29.45
0.012
-4.49
0.670
-175.00
3.4 GHz
0.931
162.85
1.66
26.05
0.012
-1.85
0.683
-176.50
3.6 GHz
0.932
161.14
1.55
22.72
0.012
1.19
0.695
-178.06
3.8 GHz
0.933
159.42
1.46
19.46
0.012
4.55
0.706
-179.66
4.0 GHz
0.933
157.68
1.38
16.27
0.012
8.08
0.716
178.70
4.2 GHz
0.934
155.91
1.31
13.12
0.012
11.64
0.726
177.02
4.4 GHz
0.934
154.11
1.24
10.03
0.013
15.08
0.735
175.30
4.6 GHz
0.935
152.28
1.18
6.97
0.013
18.26
0.743
173.56
4.8 GHz
0.935
150.41
1.13
3.95
0.014
21.09
0.750
171.78
5.0 GHz
0.935
148.49
1.08
0.96
0.015
23.50
0.756
169.97
5.2 GHz
0.935
146.53
1.04
-2.00
0.016
25.48
0.762
168.12
5.4 GHz
0.935
144.52
1.00
-4.96
0.017
27.02
0.768
166.24
5.6 GHz
0.935
142.45
0.97
-7.90
0.018
28.12
0.773
164.32
5.8 GHz
0.934
140.31
0.94
-10.84
0.020
28.83
0.777
162.36
6.0 GHz
0.934
138.12
0.91
-13.79
0.021
29.18
0.781
160.36
Download this s-parameter file in “.s2p” format at http://www.cree.com/products/wireless_s-parameters.asp


Similar Part No. - CGH55030P2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030P2 CREE-CGH55030P2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
More results

Similar Description - CGH55030P2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55015F2 CREE-CGH55015F2 Datasheet
1Mb / 11P
   10 W, C-band, Unmatched, GaN HEMT
logo
WOLFSPEED, INC.
CGH55015F2-P2 WOLFSPEED-CGH55015F2-P2 Datasheet
3Mb / 11P
   10 W, C-Band, Unmatched, GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025F CREE-CGH40025F Datasheet
1Mb / 12P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40025 WOLFSPEED-CGH40025 Datasheet
2Mb / 14P
   25 W, RF Power GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH40025 CREE-CGH40025 Datasheet
1Mb / 14P
   25 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGHV1J025D WOLFSPEED-CGHV1J025D Datasheet
1Mb / 10P
   25 W, 18.0 GHz, GaN HEMT Die
Rev. 2.2, 2022-12-2
logo
Cree, Inc
CGHV1J025D CREE-CGHV1J025D Datasheet
763Kb / 9P
   25 W, 18.0 GHz, GaN HEMT Die
logo
WOLFSPEED, INC.
CG2H40025 WOLFSPEED-CG2H40025 Datasheet
3Mb / 14P
   25 W, 28 V RF Power GaN HEMT
Rev. 1.5, 2022-10-14
logo
Cree, Inc
CG2H40025 CREE-CG2H40025 Datasheet
1Mb / 14P
   25 W, 28 V RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com