Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH55030-TB Datasheet(PDF) 11 Page - Cree, Inc

Part # CGH55030-TB
Description  30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH55030-TB Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGH55030-TB Datasheet HTML 5Page - Cree, Inc CGH55030-TB Datasheet HTML 6Page - Cree, Inc CGH55030-TB Datasheet HTML 7Page - Cree, Inc CGH55030-TB Datasheet HTML 8Page - Cree, Inc CGH55030-TB Datasheet HTML 9Page - Cree, Inc CGH55030-TB Datasheet HTML 10Page - Cree, Inc CGH55030-TB Datasheet HTML 11Page - Cree, Inc CGH55030-TB Datasheet HTML 12Page - Cree, Inc CGH55030-TB Datasheet HTML 13Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
CGH55030F1_P1 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Product Dimensions CGH55030F1 (Package Type — 440166)
Product Dimensions CGH55030P1 (Package Type — 440196)


Similar Part No. - CGH55030-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55030F2 CREE-CGH55030F2_12 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55030P2 CREE-CGH55030P2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55030P2 CREE-CGH55030P2 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
More results

Similar Description - CGH55030-TB

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH55015F1 CREE-CGH55015F1 Datasheet
1Mb / 13P
   15 W, 5500-5800 MHz, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35030F CREE-CGH35030F_15 Datasheet
1Mb / 12P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH35015 WOLFSPEED-CGH35015 Datasheet
2Mb / 12P
   15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com