Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH55015P2 Datasheet(PDF) 11 Page - Cree, Inc

Part # CGH55015P2
Description  10 W, C-band, Unmatched, GaN HEMT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH55015P2 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGH55015P2 Datasheet HTML 3Page - Cree, Inc CGH55015P2 Datasheet HTML 4Page - Cree, Inc CGH55015P2 Datasheet HTML 5Page - Cree, Inc CGH55015P2 Datasheet HTML 6Page - Cree, Inc CGH55015P2 Datasheet HTML 7Page - Cree, Inc CGH55015P2 Datasheet HTML 8Page - Cree, Inc CGH55015P2 Datasheet HTML 9Page - Cree, Inc CGH55015P2 Datasheet HTML 10Page - Cree, Inc CGH55015P2 Datasheet HTML 11Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
CGH55015F2_P2 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/wireless
Copyright © 2008-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Disclaimer
Specifications are subject to change without notice. Cree, Inc. believes the information contained within this data sheet to be accurate
and reliable. However, no responsibility is assumed by Cree for any infringement of patents or other rights of third parties which may
result from its use. No license is granted by implication or otherwise under any patent or patent rights of Cree. Cree makes no warranty,
representation or guarantee regarding the suitability of its products for any particular purpose. “Typical” parameters are the average
values expected by Cree in large quantities and are provided for information purposes only. These values can and do vary in different
applications and actual performance can vary over time. All operating parameters should be validated by customer’s technical experts
for each application. Cree products are not designed, intended or authorized for use as components in applications intended for surgical
implant into the body or to support or sustain life, in applications in which the failure of the Cree product could result in personal injury or
death or in applications for planning, construction, maintenance or direct operation of a nuclear facility.
For more information, please contact:
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
www.cree.com/RF
Sarah Miller
Marketing
Cree, RF Components
1.919.407.5302
Ryan Baker
Marketing & Sales
Cree, Wireless Devices
1.919.287.7816
Tom Dekker
Sales Director
Cree, Wireless Devices
1.919.313.5639


Similar Part No. - CGH55015P2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH55015P1 CREE-CGH55015P1 Datasheet
1Mb / 13P
   15 W, 5500-5800 MHz, GaN HEMT for WiMAX
More results

Similar Description - CGH55015P2

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH55015F2-P2 WOLFSPEED-CGH55015F2-P2 Datasheet
3Mb / 11P
   10 W, C-Band, Unmatched, GaN HEMT
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH55030F2 CREE-CGH55030F2_12 Datasheet
2Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH55030F2 CREE-CGH55030F2 Datasheet
1Mb / 10P
   25 W, C-band, Unmatched, GaN HEMT
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40010 CREE-CGH40010_15 Datasheet
1Mb / 15P
   10 W, RF Power GaN HEMT
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
CG2H40010 WOLFSPEED-CG2H40010 Datasheet
1Mb / 14P
   10 W, DC - 8 GHz, RF Power GaN HEMT
Rev. 2.0, 2022-7-7
logo
HBH Microwave GmbH
HA5006 HBH-HA5006 Datasheet
15Kb / 1P
   C-Band 10 W Amplifier
logo
Cree, Inc
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com