Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH40010F-AMP Datasheet(PDF) 7 Page - Cree, Inc

Part # CGH40010F-AMP
Description  10 W, RF Power GaN HEMT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40010F-AMP Datasheet(HTML) 7 Page - Cree, Inc

Back Button CGH40010F-AMP Datasheet HTML 3Page - Cree, Inc CGH40010F-AMP Datasheet HTML 4Page - Cree, Inc CGH40010F-AMP Datasheet HTML 5Page - Cree, Inc CGH40010F-AMP Datasheet HTML 6Page - Cree, Inc CGH40010F-AMP Datasheet HTML 7Page - Cree, Inc CGH40010F-AMP Datasheet HTML 8Page - Cree, Inc CGH40010F-AMP Datasheet HTML 9Page - Cree, Inc CGH40010F-AMP Datasheet HTML 10Page - Cree, Inc CGH40010F-AMP Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
CGH40010 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2006-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Source and Load Impedances
Frequency (MHz)
Z Source
Z Load
500
20.2 + j16.18
51.7 + j15.2
1000
8.38 + j9.46
41.4 + j28.5
1500
7.37 + j0
28.15 + j29
2500
3.19 - j4.76
19 + j9.2
3500
3.18 - j13.3
14.6 + j7.46
Note 1. V
DD = 28V, IDQ = 200mA in the 440166 package.
Note 2. Optimized for power, gain, P
SAT and PAE.
Note 3. When using this device at low frequency, series resistors should be
used to maintain amplifier stability.
CGH40010 Power Dissipation De-rating Curve
Note 1. Area exceeds Maximum Case Operating Temperature (See Page 2).
D
Z Source
Z Load
G
S
10
12
14
16
CGH40010F CW Power Dissipation De-rating Curve
0
2
4
6
8
0
25
50
75
100
125
150
175
200
225
250
Maximum Case Temperature (°C)
Note 1


Similar Part No. - CGH40010F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
More results

Similar Description - CGH40010F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
CGH40180PP CREE-CGH40180PP Datasheet
2Mb / 13P
   180 W, RF Power GaN HEMT
CGH40006P CREE-CGH40006P Datasheet
1Mb / 14P
   6 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40120P WOLFSPEED-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
Rev. 4.0, 2022-7-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com