Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGH40025 Datasheet(PDF) 1 Page - Cree, Inc

Part No. CGH40025
Description  25 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CREE [Cree, Inc]
Homepage  http://www.cree.com/
Logo 

CGH40025 Datasheet(HTML) 1 Page - Cree, Inc

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Subject to change without notice.
www.cree.com/wireless
CGH40025
25 W, RF Power GaN HEMT
Cree’s CGH40025 is an unmatched, gallium nitride (GaN) high electron mobility
transistor (HEMT). The CGH40025, operating from a 28 volt rail, offers a general
purpose, broadband solution to a variety of RF and microwave applications.
GaN HEMTs offer high efficiency, high gain and wide bandwidth capabilities
making the CGH40025 ideal for linear and compressed amplifier circuits. The
transistor is available in a screw-down, flange package and solder-down, pill
packages.
FEATURES
• Up to 6 GHz Operation
• 15 dB Small Signal Gain at 2.0 GHz
• 13 dB Small Signal Gain at 4.0 GHz
• 30 W typical P
SAT
• 62 % Efficiency at P
SAT
• 28 V Operation
APPLICATIONS
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for
OFDM, W-CDMA, EDGE, CDMA waveforms
Package Type: 440196 and 440166
PN: CGH40025P and CGH40025F


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn