Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGH40025 Datasheet(PDF) 9 Page - Cree, Inc

Part No. CGH40025
Description  25 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CREE [Cree, Inc]
Homepage  http://www.cree.com/
Logo 

CGH40025 Datasheet(HTML) 9 Page - Cree, Inc

Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
CGH40025 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH40025
(Small Signal, V
DS = 28 V, IDQ = 100 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.902
-151.72
11.80
92.09
0.025
6.22
0.393
-140.34
600 MHz
0.901
-157.13
9.89
87.31
0.025
2.28
0.402
-143.54
700 MHz
0.900
-161.20
8.49
83.18
0.025
-0.99
0.412
-145.64
800 MHz
0.900
-164.41
7.42
79.49
0.025
-3.82
0.424
-147.11
900 MHz
0.901
-167.04
6.58
76.10
0.024
-6.33
0.436
-148.22
1.0 GHz
0.902
-169.26
5.89
72.93
0.024
-8.60
0.449
-149.12
1.1 GHz
0.903
-171.19
5.33
69.93
0.024
-10.69
0.462
-149.91
1.2 GHz
0.904
-172.89
4.86
67.07
0.023
-12.61
0.476
-150.65
1.3 GHz
0.905
-174.43
4.45
64.33
0.023
-14.39
0.489
-151.38
1.4 GHz
0.906
-175.84
4.10
61.68
0.022
-16.06
0.503
-152.12
1.5 GHz
0.907
-177.14
3.80
59.12
0.022
-17.61
0.517
-152.87
1.6 GHz
0.909
-178.36
3.54
56.64
0.022
-19.05
0.531
-153.65
1.7 GHz
0.910
-179.52
3.30
54.22
0.021
-20.38
0.545
-154.46
1.8 GHz
0.912
179.38
3.09
51.87
0.021
-21.62
0.558
-155.29
1.9 GHz
0.913
178.33
2.90
49.58
0.020
-22.75
0.571
-156.15
2.0 GHz
0.914
177.30
2.73
47.34
0.020
-23.78
0.584
-157.04
2.1 GHz
0.916
176.31
2.58
45.15
0.019
-24.70
0.596
-157.95
2.2 GHz
0.917
175.34
2.44
43.02
0.019
-25.52
0.608
-158.88
2.3 GHz
0.918
174.39
2.31
40.92
0.018
-26.22
0.620
-159.82
2.4 GHz
0.920
173.46
2.19
38.88
0.018
-26.82
0.631
-160.78
2.5 GHz
0.921
172.54
2.09
36.87
0.017
-27.29
0.642
-161.76
2.6 GHz
0.922
171.63
1.99
34.91
0.016
-27.64
0.652
-162.74
2.7 GHz
0.923
170.73
1.90
32.98
0.016
-27.85
0.662
-163.73
2.8 GHz
0.925
169.84
1.82
31.09
0.015
-27.92
0.672
-164.73
2.9 GHz
0.926
168.95
1.74
29.24
0.015
-27.85
0.681
-165.73
3.0 GHz
0.927
168.07
1.67
27.41
0.014
-27.61
0.690
-166.74
3.2 GHz
0.929
166.30
1.54
23.86
0.013
-26.63
0.706
-168.76
3.4 GHz
0.931
164.54
1.42
20.42
0.013
-24.89
0.721
-170.79
3.6 GHz
0.932
162.78
1.33
17.08
0.012
-22.30
0.735
-172.82
3.8 GHz
0.934
161.00
1.24
13.84
0.011
-18.80
0.748
-174.85
4.0 GHz
0.935
159.21
1.16
10.67
0.011
-14.40
0.759
-176.88
4.2 GHz
0.936
157.39
1.10
7.58
0.010
-9.18
0.769
-178.90
4.4 GHz
0.937
155.55
1.04
4.55
0.010
-3.38
0.778
179.07
4.6 GHz
0.938
153.67
0.98
1.57
0.010
2.65
0.787
177.04
4.8 GHz
0.939
151.77
0.94
-1.36
0.011
8.52
0.794
175.00
5.0 GHz
0.939
149.82
0.89
-4.25
0.011
13.87
0.801
172.96
5.2 GHz
0.939
147.82
0.86
-7.11
0.012
18.48
0.807
170.90
5.4 GHz
0.939
145.78
0.82
-9.95
0.013
22.25
0.812
168.83
5.6 GHz
0.940
143.68
0.79
-12.78
0.014
25.17
0.817
166.74
5.8 GHz
0.939
141.53
0.77
-15.59
0.016
27.32
0.821
164.62
6.0 GHz
0.939
139.31
0.74
-18.41
0.017
28.77
0.825
162.48
To download the s-parameters in s2p format, go to the CGH40025 Product Page and click on the documentation tab.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn