Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGH40025 Datasheet(PDF) 3 Page - Cree, Inc

Part No. CGH40025
Description  25 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CREE [Cree, Inc]
Homepage  http://www.cree.com/
Logo 

CGH40025 Datasheet(HTML) 3 Page - Cree, Inc

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
CGH40025 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
50
60
70
80
25
30
35
40
Psat, Gain, and Drain Efficiency vs Frequency of the
CGH40025F in the CGH40025-TB
VDD = 28 V, IDQ = 250 mA
0
10
20
30
40
0
5
10
15
20
3.40
3.45
3.50
3.55
3.60
3.65
3.70
3.75
3.80
Frequency (GHz)
Psat
Gain
Drain Eff
Typical Performance
Small Signal Gain and Return Loss vs Frequency
of the CGH40025F in the CGH40025-AMP
P
SAT, Gain, and Drain Efficiency vs Frequency of the
CGH40025F in the CGH40025-AMP
V
DD = 28 V, IDQ = 250 mA
Small Signal Gain and Input Return Loss
-25
-20
-15
-10
-5
0
5
10
15
20
2.50
3.00
3.50
4.00
4.50
Frequency (GHz)
Small Signal Gain
Input Return Loss
Efficiency
Gain
P
SAT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn