Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGH40025 Datasheet(PDF) 11 Page - Cree, Inc

Part No. CGH40025
Description  25 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CREE [Cree, Inc]
Homepage  http://www.cree.com/
Logo 

CGH40025 Datasheet(HTML) 11 Page - Cree, Inc

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11
CGH40025 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH40025
(Small Signal, V
DS = 28 V, IDQ = 400 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.924
-159.12
12.64
91.13
0.015
8.27
0.485
-163.72
600 MHz
0.923
-163.56
10.58
87.23
0.015
5.84
0.491
-165.34
700 MHz
0.923
-166.92
9.08
83.86
0.015
3.96
0.497
-166.41
800 MHz
0.923
-169.60
7.95
80.83
0.015
2.43
0.502
-167.13
900 MHz
0.923
-171.82
7.06
78.03
0.015
1.16
0.508
-167.65
1.0 GHz
0.923
-173.72
6.34
75.40
0.015
0.08
0.514
-168.05
1.1 GHz
0.923
-175.39
5.75
72.89
0.015
-0.84
0.520
-168.36
1.2 GHz
0.924
-176.88
5.26
70.48
0.015
-1.62
0.526
-168.63
1.3 GHz
0.924
-178.24
4.84
68.15
0.015
-2.29
0.533
-168.88
1.4 GHz
0.924
-179.50
4.48
65.89
0.015
-2.85
0.539
-169.13
1.5 GHz
0.925
179.33
4.17
63.68
0.014
-3.31
0.546
-169.38
1.6 GHz
0.925
178.22
3.89
61.52
0.014
-3.67
0.553
-169.65
1.7 GHz
0.926
177.17
3.65
59.41
0.014
-3.93
0.560
-169.94
1.8 GHz
0.926
176.16
3.43
57.34
0.014
-4.09
0.568
-170.26
1.9 GHz
0.927
175.18
3.24
55.30
0.014
-4.16
0.575
-170.60
2.0 GHz
0.927
174.24
3.07
53.29
0.014
-4.13
0.582
-170.97
2.1 GHz
0.928
173.32
2.91
51.32
0.013
-4.00
0.589
-171.36
2.2 GHz
0.928
172.41
2.76
49.38
0.013
-3.76
0.597
-171.79
2.3 GHz
0.929
171.53
2.63
47.46
0.013
-3.43
0.604
-172.24
2.4 GHz
0.929
170.65
2.51
45.57
0.013
-2.99
0.611
-172.71
2.5 GHz
0.929
169.79
2.40
43.71
0.013
-2.44
0.618
-173.22
2.6 GHz
0.930
168.93
2.30
41.87
0.013
-1.79
0.625
-173.75
2.7 GHz
0.930
168.08
2.20
40.05
0.012
-1.04
0.632
-174.30
2.8 GHz
0.931
167.24
2.12
38.26
0.012
-0.18
0.638
-174.87
2.9 GHz
0.931
166.40
2.04
36.48
0.012
0.77
0.645
-175.47
3.0 GHz
0.932
165.56
1.96
34.73
0.012
1.82
0.651
-176.08
3.2 GHz
0.932
163.88
1.82
31.28
0.012
4.18
0.663
-177.37
3.4 GHz
0.933
162.20
1.70
27.91
0.012
6.83
0.675
-178.72
3.6 GHz
0.934
160.51
1.60
24.60
0.012
9.69
0.686
179.86
3.8 GHz
0.934
158.80
1.51
21.35
0.012
12.64
0.696
178.39
4.0 GHz
0.935
157.07
1.42
18.16
0.013
15.58
0.706
176.88
4.2 GHz
0.935
155.32
1.35
15.01
0.013
18.40
0.715
175.31
4.4 GHz
0.935
153.53
1.29
11.91
0.014
21.01
0.723
173.70
4.6 GHz
0.935
151.70
1.23
8.84
0.014
23.33
0.730
172.05
4.8 GHz
0.935
149.84
1.17
5.80
0.015
25.32
0.737
170.36
5.0 GHz
0.935
147.93
1.13
2.79
0.016
26.96
0.743
168.63
5.2 GHz
0.935
145.98
1.09
-0.20
0.017
28.24
0.749
166.86
5.4 GHz
0.935
143.97
1.05
-3.19
0.018
29.16
0.754
165.05
5.6 GHz
0.934
141.91
1.01
-6.16
0.020
29.75
0.759
163.20
5.8 GHz
0.934
139.78
0.98
-9.14
0.021
30.02
0.763
161.30
6.0 GHz
0.933
137.58
0.96
-12.12
0.023
29.99
0.767
159.35
To download the s-parameters in s2p format, go to the CGH40025 Product Page and click on the documentation tab.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn