Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CGH40025 Datasheet(PDF) 10 Page - Cree, Inc

Part No. CGH40025
Description  25 W, RF Power GaN HEMT
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CREE [Cree, Inc]
Homepage  http://www.cree.com/
Logo 

CGH40025 Datasheet(HTML) 10 Page - Cree, Inc

 
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
CGH40025 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH40025
(Small Signal, V
DS = 28 V, IDQ = 250 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.917
-157.22
12.62
91.45
0.018
7.56
0.458
-158.97
600 MHz
0.916
-161.92
10.57
87.33
0.018
4.70
0.465
-160.93
700 MHz
0.916
-165.46
9.07
83.78
0.018
2.41
0.472
-162.19
800 MHz
0.916
-168.28
7.94
80.58
0.018
0.51
0.478
-163.04
900 MHz
0.916
-170.61
7.05
77.64
0.017
-1.12
0.485
-163.64
1.0 GHz
0.916
-172.60
6.33
74.88
0.017
-2.55
0.493
-164.09
1.1 GHz
0.917
-174.33
5.74
72.25
0.017
-3.82
0.500
-164.45
1.2 GHz
0.917
-175.88
5.24
69.73
0.017
-4.94
0.508
-164.77
1.3 GHz
0.918
-177.28
4.82
67.30
0.017
-5.95
0.516
-165.06
1.4 GHz
0.918
-178.57
4.46
64.94
0.017
-6.84
0.525
-165.36
1.5 GHz
0.919
-179.78
4.14
62.65
0.016
-7.63
0.533
-165.67
1.6 GHz
0.919
179.09
3.87
60.41
0.016
-8.31
0.542
-165.99
1.7 GHz
0.920
178.01
3.62
58.22
0.016
-8.90
0.550
-166.35
1.8 GHz
0.921
176.98
3.40
56.07
0.016
-9.39
0.559
-166.73
1.9 GHz
0.921
175.99
3.21
53.97
0.015
-9.77
0.568
-167.14
2.0 GHz
0.922
175.03
3.03
51.90
0.015
-10.06
0.577
-167.59
2.1 GHz
0.923
174.09
2.87
49.87
0.015
-10.24
0.585
-168.07
2.2 GHz
0.924
173.17
2.73
47.87
0.014
-10.31
0.594
-168.57
2.3 GHz
0.924
172.27
2.60
45.91
0.014
-10.27
0.602
-169.11
2.4 GHz
0.925
171.39
2.47
43.97
0.014
-10.12
0.610
-169.67
2.5 GHz
0.926
170.51
2.36
42.07
0.014
-9.85
0.619
-170.26
2.6 GHz
0.926
169.65
2.26
40.19
0.013
-9.46
0.626
-170.88
2.7 GHz
0.927
168.79
2.16
38.34
0.013
-8.95
0.634
-171.52
2.8 GHz
0.928
167.93
2.08
36.52
0.013
-8.31
0.642
-172.17
2.9 GHz
0.928
167.08
1.99
34.72
0.013
-7.54
0.649
-172.85
3.0 GHz
0.929
166.24
1.92
32.94
0.013
-6.65
0.656
-173.55
3.2 GHz
0.930
164.54
1.78
29.45
0.012
-4.49
0.670
-175.00
3.4 GHz
0.931
162.85
1.66
26.05
0.012
-1.85
0.683
-176.50
3.6 GHz
0.932
161.14
1.55
22.72
0.012
1.19
0.695
-178.06
3.8 GHz
0.933
159.42
1.46
19.46
0.012
4.55
0.706
-179.66
4.0 GHz
0.933
157.68
1.38
16.27
0.012
8.08
0.716
178.70
4.2 GHz
0.934
155.91
1.31
13.12
0.012
11.64
0.726
177.02
4.4 GHz
0.934
154.11
1.24
10.03
0.013
15.08
0.735
175.30
4.6 GHz
0.935
152.28
1.18
6.97
0.013
18.26
0.743
173.56
4.8 GHz
0.935
150.41
1.13
3.95
0.014
21.09
0.750
171.78
5.0 GHz
0.935
148.49
1.08
0.96
0.015
23.50
0.756
169.97
5.2 GHz
0.935
146.53
1.04
-2.00
0.016
25.48
0.762
168.12
5.4 GHz
0.935
144.52
1.00
-4.96
0.017
27.02
0.768
166.24
5.6 GHz
0.935
142.45
0.97
-7.90
0.018
28.12
0.773
164.32
5.8 GHz
0.934
140.31
0.94
-10.84
0.020
28.83
0.777
162.36
6.0 GHz
0.934
138.12
0.91
-13.79
0.021
29.18
0.781
160.36
To download the s-parameters in s2p format, go to the CGH40025 Product Page and click on the documentation tab.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn