Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH40010P Datasheet(PDF) 1 Page - Cree, Inc

Part # CGH40010P
Description  10 W, RF Power GaN HEMT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40010P Datasheet(HTML) 1 Page - Cree, Inc

  CGH40010P Datasheet HTML 1Page - Cree, Inc CGH40010P Datasheet HTML 2Page - Cree, Inc CGH40010P Datasheet HTML 3Page - Cree, Inc CGH40010P Datasheet HTML 4Page - Cree, Inc CGH40010P Datasheet HTML 5Page - Cree, Inc CGH40010P Datasheet HTML 6Page - Cree, Inc CGH40010P Datasheet HTML 7Page - Cree, Inc CGH40010P Datasheet HTML 8Page - Cree, Inc CGH40010P Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
Subject to change without notice.
www.cree.com/wireless
CGH40010
10 W, RF Power GaN HEMT
Cree’s CGH40010 is an unmatched, gallium nitride (GaN) high electron
mobility transistor (HEMT). The CGH40010, operating from a 28 volt
rail, offers a general purpose, broadband solution to a variety of RF and
microwave applications. GaN HEMTs offer high efficiency, high gain and
wide bandwidth capabilities making the CGH40010 ideal for linear and
compressed amplifier circuits. The transistor is available in both screw-
down, flange and solder-down, pill packages.
FEATURES
• Up to 6 GHz Operation
• 16 dB Small Signal Gain at 2.0 GHz
• 14 dB Small Signal Gain at 4.0 GHz
• 13 W typical P
SAT
• 65 % Efficiency at P
SAT
• 28 V Operation
APPLICATIONS
• 2-Way Private Radio
• Broadband Amplifiers
• Cellular Infrastructure
• Test Instrumentation
• Class A, AB, Linear amplifiers suitable for
OFDM, W-CDMA, EDGE, CDMA waveforms
Package Types: 440166, & 440196
PN’s: CGH40010F & CGH40010P


Similar Part No. - CGH40010P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
More results

Similar Description - CGH40010P

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
CGH40180PP CREE-CGH40180PP Datasheet
2Mb / 13P
   180 W, RF Power GaN HEMT
CGH40006P CREE-CGH40006P Datasheet
1Mb / 14P
   6 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40120P WOLFSPEED-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
Rev. 4.0, 2022-7-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com