Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH40010 Datasheet(PDF) 11 Page - Cree, Inc

Part # CGH40010
Description  10 W, RF Power GaN HEMT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40010 Datasheet(HTML) 11 Page - Cree, Inc

Back Button CGH40010_15 Datasheet HTML 7Page - Cree, Inc CGH40010_15 Datasheet HTML 8Page - Cree, Inc CGH40010_15 Datasheet HTML 9Page - Cree, Inc CGH40010_15 Datasheet HTML 10Page - Cree, Inc CGH40010_15 Datasheet HTML 11Page - Cree, Inc CGH40010_15 Datasheet HTML 12Page - Cree, Inc CGH40010_15 Datasheet HTML 13Page - Cree, Inc CGH40010_15 Datasheet HTML 14Page - Cree, Inc CGH40010_15 Datasheet HTML 15Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
CGH40010 Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2006-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH40010
(Small Signal, V
DS = 28 V, IDQ = 200 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.911
-130.62
18.41
105.41
0.022
19.44
0.303
-112.24
600 MHz
0.906
-139.65
15.80
99.47
0.023
14.31
0.299
-119.83
700 MHz
0.902
-146.70
13.80
94.50
0.023
10.17
0.298
-125.50
800 MHz
0.899
-152.41
12.22
90.19
0.023
6.68
0.299
-129.85
900 MHz
0.898
-157.17
10.96
86.34
0.024
3.67
0.302
-133.28
1.0 GHz
0.896
-161.24
9.92
82.82
0.024
0.99
0.305
-136.05
1.1 GHz
0.896
-164.79
9.06
79.56
0.024
-1.41
0.309
-138.34
1.2 GHz
0.895
-167.95
8.33
76.49
0.024
-3.62
0.314
-140.30
1.3 GHz
0.895
-170.80
7.70
73.57
0.023
-5.66
0.320
-142.01
1.4 GHz
0.894
-173.41
7.17
70.78
0.023
-7.56
0.326
-143.54
1.5 GHz
0.894
-175.82
6.70
68.08
0.023
-9.35
0.332
-144.94
1.6 GHz
0.894
-178.09
6.28
65.47
0.023
-11.05
0.338
-146.24
1.7 GHz
0.894
179.78
5.92
62.92
0.023
-12.66
0.345
-147.48
1.8 GHz
0.894
177.75
5.59
60.43
0.023
-14.19
0.352
-148.68
1.9 GHz
0.894
175.81
5.30
57.99
0.023
-15.65
0.358
-149.84
2.0 GHz
0.894
173.94
5.04
55.59
0.022
-17.05
0.365
-150.99
2.1 GHz
0.894
172.13
4.80
53.23
0.022
-18.39
0.372
-152.12
2.2 GHz
0.894
170.37
4.58
50.91
0.022
-19.67
0.379
-153.26
2.3 GHz
0.895
168.65
4.38
48.61
0.022
-20.90
0.386
-154.39
2.4 GHz
0.895
166.96
4.20
46.33
0.021
-22.08
0.393
-155.54
2.5 GHz
0.895
165.30
4.03
44.08
0.021
-23.20
0.400
-156.69
2.6 GHz
0.895
163.66
3.88
41.84
0.021
-24.27
0.407
-157.85
2.7 GHz
0.895
162.04
3.74
39.63
0.021
-25.28
0.414
-159.03
2.8 GHz
0.895
160.43
3.60
37.43
0.020
-26.25
0.420
-160.22
2.9 GHz
0.896
158.83
3.48
35.24
0.020
-27.16
0.427
-161.42
3.0 GHz
0.896
157.24
3.37
33.06
0.020
-28.02
0.433
-162.64
3.2 GHz
0.896
154.06
3.16
28.74
0.019
-29.57
0.446
-165.13
3.4 GHz
0.896
150.87
2.98
24.44
0.019
-30.88
0.457
-167.69
3.6 GHz
0.896
147.66
2.82
20.16
0.018
-31.95
0.468
-170.31
3.8 GHz
0.897
144.41
2.68
15.89
0.018
-32.76
0.478
-173.00
4.0 GHz
0.897
141.10
2.56
11.61
0.017
-33.30
0.488
-175.77
4.2 GHz
0.897
137.72
2.45
7.33
0.017
-33.55
0.497
-178.61
4.4 GHz
0.897
134.26
2.35
3.03
0.017
-33.50
0.505
178.47
4.6 GHz
0.897
130.71
2.26
-1.31
0.016
-33.18
0.512
175.46
4.8 GHz
0.896
127.06
2.17
-5.68
0.016
-32.58
0.518
172.36
5.0 GHz
0.896
123.30
2.10
-10.09
0.016
-31.74
0.524
169.16
5.2 GHz
0.896
119.42
2.04
-14.57
0.016
-30.72
0.529
165.86
5.4 GHz
0.896
115.41
1.98
-19.10
0.016
-29.60
0.534
162.44
5.6 GHz
0.896
111.26
1.92
-23.71
0.016
-28.46
0.537
158.89
5.8 GHz
0.895
106.97
1.87
-28.40
0.017
-27.41
0.540
155.20
6.0 GHz
0.895
102.53
1.82
-33.19
0.017
-26.54
0.543
151.36
To download the s-parameters in s2p format, go to the CGH40010 Product Page and click on the documentation tab.


Similar Part No. - CGH40010_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
More results

Similar Description - CGH40010_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH40010 CREE-CGH40010 Datasheet
948Kb / 12P
   10 W, RF Power GaN HEMT
CGH40090PP CREE-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
CGH40120F CREE-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40090PP WOLFSPEED-CGH40090PP Datasheet
1Mb / 13P
   90 W, RF Power GaN HEMT
Rev 5.2 March 2020
CGH40120F WOLFSPEED-CGH40120F Datasheet
1Mb / 13P
   120 W, RF Power GaN HEMT
Rev 4.1 - March 2020
logo
Cree, Inc
CGH40045 CREE-CGH40045 Datasheet
1Mb / 12P
   45 W, RF Power GaN HEMT
CGH40120P CREE-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
CGH40180PP CREE-CGH40180PP Datasheet
2Mb / 13P
   180 W, RF Power GaN HEMT
CGH40006P CREE-CGH40006P Datasheet
1Mb / 14P
   6 W, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40120P WOLFSPEED-CGH40120P Datasheet
1Mb / 12P
   120 W, RF Power GaN HEMT
Rev. 4.0, 2022-7-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com