Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH35030F-AMP Datasheet(PDF) 5 Page - Cree, Inc

Part # CGH35030F-AMP
Description  30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH35030F-AMP Datasheet(HTML) 5 Page - Cree, Inc

  CGH35030F-AMP Datasheet HTML 1Page - Cree, Inc CGH35030F-AMP Datasheet HTML 2Page - Cree, Inc CGH35030F-AMP Datasheet HTML 3Page - Cree, Inc CGH35030F-AMP Datasheet HTML 4Page - Cree, Inc CGH35030F-AMP Datasheet HTML 5Page - Cree, Inc CGH35030F-AMP Datasheet HTML 6Page - Cree, Inc CGH35030F-AMP Datasheet HTML 7Page - Cree, Inc CGH35030F-AMP Datasheet HTML 8Page - Cree, Inc CGH35030F-AMP Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
CGH35030F Rev 4.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2005-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Figure 5.- Simulated Maximum Available Gain and K Factor of the CGH35030F
V
DD = 28 V, IDQ = 120 mA
Typical Noise Performance
Figure 6.- Simulated Minimum Noise Figure and Noise Resistance vs Frequency of the CGH35030
V
DD = 28 V, IDQ = 120 mA


Similar Part No. - CGH35030F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
More results

Similar Description - CGH35030F-AMP

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH35030F CREE-CGH35030F Datasheet
760Kb / 8P
   30 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35015F CREE-CGH35015F Datasheet
773Kb / 9P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH35015 CREE-CGH35015 Datasheet
1,011Kb / 12P
   15 W, 3300-3900 MHz, 28V, GaN HEMT for WiMAX
CGH27030F CREE-CGH27030F Datasheet
791Kb / 8P
   30 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH55030F1-P1 WOLFSPEED-CGH55030F1-P1 Datasheet
1Mb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-12-13
logo
Cree, Inc
CGH55030F1 CREE-CGH55030F1 Datasheet
914Kb / 13P
   30 W, 5500-5800 MHz, 28V, GaN HEMT for WiMAX
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
CGH27015F CREE-CGH27015F Datasheet
1Mb / 8P
   15 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH35015 WOLFSPEED-CGH35015 Datasheet
2Mb / 12P
   15 W, 3.3-3.9 GHz, 28V, GaN HEMT for WiMAX
Rev. 4.2, 2022-10-28
logo
Cree, Inc
CGH55015F1 CREE-CGH55015F1 Datasheet
1Mb / 13P
   15 W, 5500-5800 MHz, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com