Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH31240F Datasheet(PDF) 9 Page - Cree, Inc

Part # CGH31240F
Description  240 W, 2700-3100 MHz, 50-ohm Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH31240F Datasheet(HTML) 9 Page - Cree, Inc

Back Button CGH31240F Datasheet HTML 4Page - Cree, Inc CGH31240F Datasheet HTML 5Page - Cree, Inc CGH31240F Datasheet HTML 6Page - Cree, Inc CGH31240F Datasheet HTML 7Page - Cree, Inc CGH31240F Datasheet HTML 8Page - Cree, Inc CGH31240F Datasheet HTML 9Page - Cree, Inc CGH31240F Datasheet HTML 10Page - Cree, Inc CGH31240F Datasheet HTML 11Page - Cree, Inc CGH31240F Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
CGH31240F Rev 2.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2010-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Package S-Parameters for CGH31240F
(Small Signal, V
DS = 28 V, IDQ = 1000 mA, angle in degrees)
Frequency
Mag S11
Ang S11
Mag S21
Ang S21
Mag S12
Ang S12
Mag S22
Ang S22
500 MHz
0.970
170.7
1.73
35.7
0.003
-50.20
0.880
172.0
600 MHz
0.972
167.9
1.42
26.4
0.003
-58.75
0.891
169.5
700 MHz
0.973
165.2
1.21
17.6
0.003
-66.68
0.899
166.8
800 MHz
0.974
162.4
1.07
9.4
0.003
-74.07
0.906
163.9
900 MHz
0.975
159.5
0.96
1.6
0.003
-81.04
0.911
160.9
1.0 GHz
0.975
156.5
0.90
-6.0
0.003
-87.75
0.914
157.6
1.1 GHz
0.974
153.3
0.85
-13.4
0.004
-94.31
0.915
154.2
1.2 GHz
0.974
150.0
0.83
-20.8
0.004
-100.84
0.916
150.6
1.3 GHz
0.973
146.4
0.83
-28.3
0.004
-107.45
0.915
146.8
1.4 GHz
0.971
142.6
0.85
-35.9
0.004
-114.23
0.912
142.6
1.5 GHz
0.969
138.5
0.89
-43.9
0.005
-121.30
0.908
138.0
1.6 GHz
0.966
133.9
0.96
-52.3
0.006
-128.79
0.902
133.0
1.7 GHz
0.963
128.8
1.05
-61.3
0.007
-136.83
0.893
127.4
1.8 GHz
0.958
123.1
1.18
-71.0
0.008
-145.62
0.883
121.1
1.9 GHz
0.951
116.4
1.37
-81.8
0.009
-155.39
0.869
113.7
2.0 GHz
0.940
108.4
1.62
-93.8
0.012
-166.47
0.851
105.1
2.1 GHz
0.924
98.7
1.98
-107.7
0.015
-179.29
0.828
94.6
2.2 GHz
0.899
86.5
2.49
-123.9
0.019
165.52
0.796
81.7
2.3 GHz
0.857
70.5
3.19
-143.3
0.026
147.11
0.753
65.3
2.4 GHz
0.786
48.8
4.11
-167.0
0.034
124.49
0.692
44.1
2.5 GHz
0.677
19.2
5.14
164.4
0.044
97.04
0.607
17.1
2.6 GHz
0.544
-19.8
5.99
132.0
0.053
65.78
0.507
-14.9
2.7 GHz
0.448
-66.0
6.37
98.8
0.058
33.68
0.424
-47.8
2.8 GHz
0.422
-109.5
6.35
67.2
0.060
3.29
0.380
-76.4
2.9 GHz
0.427
-143.8
6.19
37.7
0.060
-25.00
0.369
-99.2
3.0 GHz
0.421
-171.5
6.08
9.2
0.060
-52.23
0.370
-117.6
3.2 GHz
0.243
120.6
6.20
-53.0
0.064
-111.80
0.279
-141.6
3.4 GHz
0.472
-78.8
4.79
-135.3
0.051
168.82
0.437
-99.1
3.6 GHz
0.821
-139.7
2.06
160.3
0.023
107.35
0.777
-131.3
3.8 GHz
0.897
-168.1
0.91
121.3
0.010
71.59
0.877
-153.9
4.0 GHz
0.919
173.9
0.46
92.8
0.005
46.59
0.915
-169.9
4.2 GHz
0.925
159.9
0.26
69.5
0.003
26.99
0.931
177.2
4.4 GHz
0.925
147.6
0.16
49.0
0.002
10.54
0.937
165.9
4.6 GHz
0.920
136.2
0.10
30.7
0.001
-3.53
0.937
155.2
4.8 GHz
0.913
124.8
0.07
13.6
0.001
-16.16
0.932
144.6
5.0 GHz
0.903
113.2
0.05
-2.9
0.001
-27.84
0.923
133.8
5.2 GHz
0.891
101.1
0.04
-19.3
0.001
-39.20
0.911
122.4
5.4 GHz
0.877
88.0
0.03
-35.8
0.000
-50.53
0.895
109.8
5.6 GHz
0.860
73.9
0.03
-52.2
0.000
-61.60
0.875
95.9
5.8 GHz
0.842
58.5
0.02
-68.3
0.000
-72.36
0.852
80.2
6.0 GHz
0.824
41.6
0.02
-83.9
0.000
-82.61
0.828
62.1
To download the s-parameters in s2p format, go to the CGH31240F Product Page and click on the documentation tab.


Similar Part No. - CGH31240F

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH31240F WOLFSPEED-CGH31240F Datasheet
2Mb / 12P
   240 W, 2.7-3.1 GHz, 50-ohm Input/Output Matched, GaN HEMT for S-Band Radar Systems
Rev. 2.2, 2022-11-11
More results

Similar Description - CGH31240F

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
   500 W, 2700 - 3100 MHz, 50-Ohm Input
CGH35240F CREE-CGH35240F Datasheet
1Mb / 12P
   240 W, 3100-3500 MHz, 50-ohm Input/
CGHV59350 CREE-CGHV59350 Datasheet
3Mb / 12P
   350 W, 5200 - 5900 MHz, 50-Ohm Input
CGHV50200F CREE-CGHV50200F Datasheet
2Mb / 15P
   200 W, 4400 - 5000 MHz, 50-Ohm Input
CGHV35400F CREE-CGHV35400F Datasheet
829Kb / 11P
   400 W, 2900 - 3500 MHz, 50-Ohm Input
GTVA311801FA CREE-GTVA311801FA Datasheet
463Kb / 5P
   Thermally-Enhanced High Power RF GaN on SiC HEMT 180 W, 50 V, 2700 ??3100 MHz
logo
Microsemi Corporation
2731-100M MICROSEMI-2731-100M Datasheet
298Kb / 5P
   100 Watts, 36 Volts, 200us, 10% Radar 2700-3100 MHz
2731-20 MICROSEMI-2731-20 Datasheet
63Kb / 3P
   20Watts, 36 Volts, 100us, 10% Radar 2700-3100 MHz
logo
Cree, Inc
CGHV96050F1 CREE-CGHV96050F1 Datasheet
1Mb / 14P
   50 W, 7.9 - 9.6 GHz, 50-ohm, Input
CGH35060F2 CREE-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3100-3500 MHz, 28V, GaN HEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com