Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JHT24096AVGTEANUA Datasheet(PDF) 7 Page - Jewel Hill Electronic

Part # JHT24096AVGTEANUA
Description  SPECIFICATIONS FOR LCD MODULE
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JHT24096AVGTEANUA Datasheet(HTML) 7 Page - Jewel Hill Electronic

Back Button JHT24096AVGTEANUA Datasheet HTML 3Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 4Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 5Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 6Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 7Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 8Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 9Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 10Page - Jewel Hill Electronic JHT24096AVGTEANUA Datasheet HTML 11Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
JHG24096A
VER:3.01
- 6 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7. MODULE FUNCTION DESCRIPTION
7.1. PIN DESCRIPTION
Pin No.
Symbol
Description
1
NC
No connect
2
BM1
3
BM0
Bus mode and interface selection terminal
4
CS
Chip Selection terminal
5
RST
Reset signal input terminal
6
CD
Data/Command Register Selection
7
WR0
8
WR1
WR[1:0] controls the read/write operation of the host interface.
9-16
D0-D7
Bi-directional bus for both serial and parallel host interfaces.
Connect unused pins to VDD or VSS.
17
VDD
18
VDD2
Power supply terminal, connect together for a positive voltage(2.7 to
3.3V)
19
VSS
Ground
20
VLCD
LCD power supply, A by-pass capacitor C L between VLCD and VSS
21
VB0+
22
VB0-
LCD Bias Voltages. These are the voltage source to provide SEG
driving currents. These voltages are generated internally. Connect
capacitors of CBX value between VB0+ and VB0–.
23
VBIAS
Connect a small bypass capacitor between VBIAS and VSS to reduce
noise.
24
VB1+
25
VB1-
LCD Bias Voltages. These are the voltage source to provide SEG
driving currents. These voltages are generated internally. Connect
capacitors of CBX value between VB1+ and VB1–.
26
NC
No connect


Similar Part No. - JHT24096AVGTEANUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
JHT12864A JHE-JHT12864A Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBEEANUA JHE-JHT12864ABBEEANUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBELBWUA JHE-JHT12864ABBELBWUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBMEANUA JHE-JHT12864ABBMEANUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
JHT12864ABBMLBWUA JHE-JHT12864ABBMLBWUA Datasheet
1Mb / 28P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - JHT24096AVGTEANUA

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com