Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CLX320P-M84 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # SLE66CLX320P-M84
Description  Security & Chip Card ICs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CLX320P-M84 Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button SLE66CLX320P-M84 Datasheet HTML 3Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 4Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 5Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 6Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 7Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 8Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 9Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 10Page - Infineon Technologies AG SLE66CLX320P-M84 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
µµ
SLE 66CLX320P
Short Product Information
7 / 12
2004-04-01
Timing performances are independent of the contact or contactless interface.
Table 1
Performance Advanced Crypto Engine
Operation
Modulus
Exponent
Calculation
Time at 5 MHz
Calculation
Time at
15 MHz
Modular Exponentiation
160 bit
160 bit
20 ms
7 ms
Modular Exponentiation
256 bit
256 bit
35 ms
12 ms
Modular Exponentiation
512 bit
512 bit
110 ms
37 ms
Modular Exponentiation
RSA Encrypt / RSA Signature Verify
1024 bit
16 bit
20 ms
7 ms
Modular Exponentiation
RSA Decrypt / RSA Signature Generate
1024 bit
1024 bit
820 ms
273 ms
Modular Exponentiation using CRT
RSA Decrypt / RSA Signature Generate
eq.1024 bit eq.1024 bit 250 ms
83 ms
DSA Signature Generate
512 bit
160 bit
145 ms
48 ms
DSA Signature Verify
512 bit
160 bit
130 ms
43 ms
DSA Signature Generate
1024 bit
160 bit
290 ms
97 ms
DSA Signature Verify
1024 bit
160 bit
360 ms
120 ms
Elliptic Curves EC-GDSA Sign. Generate 160 bit
160 bit
260 ms
87 ms
Elliptic Curves EC-GDSA Sign. Verify.
160 bit
160 bit
550 ms
183 ms


Similar Part No. - SLE66CLX320P-M84

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
SLE66CLX321P-MCC8 INFINEON-SLE66CLX321P-MCC8 Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results

Similar Description - SLE66CLX320P-M84

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE44C20S INFINEON-SLE44C20S Datasheet
30Kb / 6P
   Security & Chip Card ICs
2001.10
SLE44C24S INFINEON-SLE44C24S Datasheet
29Kb / 6P
   Security & Chip Card ICs
2001.10
SLE66C42P INFINEON-SLE66C42P Datasheet
33Kb / 7P
   Security & Chip Card ICs
2002.11
SLE66C44PE INFINEON-SLE66C44PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C84PE INFINEON-SLE66C84PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2002.04
SLE66C164P INFINEON-SLE66C164P Datasheet
35Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C324PE INFINEON-SLE66C324PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C360PE INFINEON-SLE66C360PE Datasheet
59Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66C640P INFINEON-SLE66C640P Datasheet
34Kb / 8P
   Security & Chip Card ICs
2001.08
SLE66C681PE INFINEON-SLE66C681PE Datasheet
58Kb / 8P
   Security & Chip Card ICs
2004.02
SLE66CLX321P INFINEON-SLE66CLX321P Datasheet
158Kb / 11P
   Security & Chip Card ICs
2004-04-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com