Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLE66CL80P-C Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66CL80P-C
Description  Secure Mobile Solutions - Security
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CL80P-C Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66CL80P-C Datasheet HTML 1Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 2Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 3Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 4Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 5Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 6Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 7Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 8Page - Infineon Technologies AG SLE66CL80P-C Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
µµ
SLE 66CL80P
Short Product Information
3 / 10
2004-04-01
16-Bit High Security Dual Interface Controller
ISO/IEC 7816 and 14443 Type A &B Compliant Interfaces
For Contact and Contactless Operation with MMU in 0.22 µm CMOS Technology
72-Kbyte ROM, 2304-byte RAM, 8-Kbyte EEPROM
112-Bit / 192-Bit DDES-EC2 Accelerator
supporting DES, 3DES and Elliptic Curve GF(2n)
Features
Enhanced low power 8051 CPU with
extended addressing modes for contact
and contactless smart card applications
Instruction set opcode compatible with
standard 8051 processor with additional
powerful instructions optimized for smart
card application
Dedicated, non-standard architecture with
execution time 6 times faster (18 times
using PLLmax) than standard 8051
processor at same external clock
70 Kbytes User ROM for operating system
and application (programs & data)
2 Kbytes reserved ROM for Resource
Management System (RMS_E) with
Contactless Optimized EEPROM
write/erase routines
8 Kbytes Secure EEPROM in SuperSlim
technology for application program and
data
2048 bytes XRAM and 256 bytes internal
RAM for fast data processing
Memory Management Unit
Certified True Random Number
Generator
Dual Key Triple DES (DDES) &
GF (2n) Elliptic Curve (EC2) Accelerator
CRC Module according to ISO/IEC 3309
supporting CCIT v.41 & HDLC X25
8 Interrupt Vectors Module with 3 priority
levels to ensure real time operation
PLL: to speed up the internal CPU clock
frequency up to 15MHz (optional use)
Two 16-bit Timer with interrupt capability
for protocols, security checks & watch dog
implementations
Power saving sleep and clock stop modes
Temperature range:
contact-based: -25°C to +85°C
contact-less: -25°C to +70°C
Full operation either via Contact-based
and/or Contactless interfaces
controlled by Operating System
enhances Security Level
Contact-based Interface
Contact configuration and serial
interface according to ISO/IEC 7816
UART handling serial interface compliant
with ISO/IEC 7816 supporting
transmission protocols T=0 and T=1
Supply voltage range:
5V ± 10% (Class A)
3V ± 10% (Class B)
Current consumption < 10 mA @ 5.5 V
External CPU clock frequency:
1 to 7.5 MHz
Internal CPU clock frequency:
up to 15 MHz
ESD protection larger than 6 kV
Contactless Interface
Interface compliant to ISO/IEC 14443 for
both Type A and Type B
Carrier frequency 13.56 MHz
Data rate
106 Kbit/s in type A operation
up to 848 Kbit/s in type B operation
Anticollision & Transmission Protocol
supported by open source application
notes for both Type A & B
Flexible Internal CPU clock frequency:
from 1.7MHz up to 15 MHz
256 bytes buffer for contactless data
exchange (FiFo circular architecture)
Parallel operation of CPU, Peripherals
like DES, CRC and Contactless Interface
possible


Similar Part No. - SLE66CL80P-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE66CL81P-MCC8 INFINEON-SLE66CL81P-MCC8 Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
More results

Similar Description - SLE66CL80P-C

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLE66CL81P INFINEON-SLE66CL81P Datasheet
151Kb / 10P
   Secure Mobile Solutions - Security
2004-04-01
SLE6636 INFINEON-SLE6636 Datasheet
158Kb / 7P
   Secure Mobile Solutions
2003-08-05
SLE66R35 INFINEON-SLE66R35 Datasheet
102Kb / 6P
   Secure Mobile Solutions
2003-08-07
logo
Intersil Corporation
TW2866-LC1-CR INTERSIL-TW2866-LC1-CR Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
TW2851 INTERSIL-TW2851 Datasheet
1Mb / 2P
   Security Surveillance IC Solutions
logo
Pulse A Technitrol Comp...
W3008C PULSE-W3008C Datasheet
1Mb / 7P
   Solutions for Mobile Phone Antennas
logo
Maxim Integrated Produc...
MAXQ1103 MAXIM-MAXQ1103_11 Datasheet
64Kb / 2P
   High-Performance Secure RISC Microcontroller Security Features
Rev 4; 3/11
logo
STMicroelectronics
STM32HSM-V2 STMICROELECTRONICS-STM32HSM-V2 Datasheet
162Kb / 3P
   Hardware security module for secure firmware installation
Rev 1 - July 2020
logo
List of Unclassifed Man...
ISP1703BUKTS ETC2-ISP1703BUKTS Datasheet
906Kb / 3P
   Ultra-low-power transceiver solutions for mobile and portable applications
logo
STMicroelectronics
ST31H320 STMICROELECTRONICS-ST31H320 Datasheet
212Kb / 4P
   Secure microcontroller with enhanced security and up to 320 Kbytes of Flash memory
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com