Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM48L950 Datasheet(PDF) 6 Page - Texas Instruments

Part # RM48L950
Description  16- and 32-Bit RISC Flash Microcontroller
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L950 Datasheet(HTML) 6 Page - Texas Instruments

Back Button RM48L950_15 Datasheet HTML 2Page - Texas Instruments RM48L950_15 Datasheet HTML 3Page - Texas Instruments RM48L950_15 Datasheet HTML 4Page - Texas Instruments RM48L950_15 Datasheet HTML 5Page - Texas Instruments RM48L950_15 Datasheet HTML 6Page - Texas Instruments RM48L950_15 Datasheet HTML 7Page - Texas Instruments RM48L950_15 Datasheet HTML 8Page - Texas Instruments RM48L950_15 Datasheet HTML 9Page - Texas Instruments RM48L950_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 179 page
background image
RM48L950, RM48L750, RM48L550
SPNS174C – APRIL 2012 – REVISED JUNE 2015
www.ti.com
Table of Contents
1
Device Overview
......................................... 1
6.12
Parity Protection for Peripheral RAMs
.............. 86
1.1
Features
.............................................. 1
6.13
On-Chip SRAM Initialization and Testing
........... 88
1.2
Applications
........................................... 2
6.14
External Memory Interface (EMIF)
.................. 90
1.3
Description
............................................ 3
6.15
Vectored Interrupt Manager
......................... 97
1.4
Functional Block Diagram
............................ 5
6.16
DMA Controller
..................................... 100
2
Revision History
......................................... 7
6.17
Real Time Interrupt Module
........................ 103
3
Device Comparison
..................................... 8
6.18
Error Signaling Module
............................. 105
4
Terminal Configuration and Functions
............. 9
6.19
Reset / Abort / Error Sources
...................... 109
4.1
PGE QFP Package Pinout (144-Pin)
................. 9
6.20
Digital Windowed Watchdog
....................... 111
4.2
ZWT BGA Package Ball-Map (337-Ball Grid Array)
10
6.21
Debug Subsystem
................................. 112
4.3
Terminal Functions
................................. 11
7
Peripheral Information and Electrical
Specifications
......................................... 123
5
Specifications
.......................................... 44
7.1
Peripheral Legend
................................. 123
5.1
Absolute Maximum Ratings
........................ 44
7.2
Multibuffered 12-Bit Analog-to-Digital Converter
.. 123
5.2
ESD Ratings
........................................ 44
7.3
General-Purpose Input/Output
..................... 134
5.3
Power-On Hours (POH)
............................. 44
7.4
Enhanced Next Generation High-End Timer
5.4
Recommended Operating Conditions
............... 45
(N2HET)
............................................ 135
5.5
Switching Characteristics for Clock Domains
....... 46
7.5
Controller Area Network (DCAN)
.................. 140
5.6
Wait States Required
............................... 46
7.6
Local Interconnect Network Interface (LIN)
........ 141
5.7
Power Consumption
................................. 47
7.7
Serial Communication Interface (SCI)
............. 142
5.8
Input/Output Electrical Characteristics
.............. 48
7.8
Inter-Integrated Circuit (I2C)
....................... 143
5.9
Thermal Resistance Characteristics
................ 49
7.9
Multibuffered / Standard Serial Peripheral
5.10
Output Buffer Drive Strengths
...................... 50
Interface
............................................ 146
5.11
Input Timings
........................................ 51
7.10
Ethernet Media Access Controller
................. 158
5.12
Output Timings
...................................... 51
7.11
Universal Serial Bus (USB) Host and Device
Controllers
......................................... 162
5.13
Low-EMI Output Buffers
............................ 53
8
Device and Documentation Support
.............. 164
6
System Information and Electrical
Specifications
........................................... 55
8.1
Device Support
..................................... 164
6.1
Device Power Domains
............................. 55
8.2
Documentation Support
............................ 166
6.2
Voltage Monitor Characteristics
..................... 56
8.3
Related Links
...................................... 166
6.3
Power Sequencing and Power On Reset
........... 57
8.4
Community Resources
............................. 166
6.4
Warm Reset (nRST)
................................. 59
8.5
Trademarks
........................................ 166
6.5
ARM Cortex-R4F CPU Information
................. 60
8.6
Electrostatic Discharge Caution
................... 166
6.6
Clocks
............................................... 64
8.7
Glossary
............................................ 167
6.7
Clock Monitoring
.................................... 72
8.8
Device Identification Code Register
............... 167
6.8
Glitch Filters
......................................... 74
8.9
Die Identification Registers
....................... 168
6.9
Device Memory Map
................................ 75
8.10
Module Certifications
............................... 169
6.10
Flash Memory
....................................... 83
9
Mechanical Packaging and Orderable
Information
............................................. 174
6.11
Tightly Coupled RAM (TCRAM) Interface Module
.. 86
9.1
Packaging Information
............................. 174
6
Table of Contents
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback


Similar Part No. - RM48L950_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM48L950PGET TI-RM48L950PGET Datasheet
2Mb / 157P
[Old version datasheet]   RM48Lx50 16/32-Bit RISC Flash Microcontroller
RM48L950ZWTT TI-RM48L950ZWTT Datasheet
2Mb / 157P
[Old version datasheet]   RM48Lx50 16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM48L950_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com