Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM46L852CZWTT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # RM46L852CZWTT
Description  16- and 32-Bit RISC Flash Microcontroller
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM46L852CZWTT Datasheet(HTML) 2 Page - Texas Instruments

  RM46L852CZWTT Datasheet HTML 1Page - Texas Instruments RM46L852CZWTT Datasheet HTML 2Page - Texas Instruments RM46L852CZWTT Datasheet HTML 3Page - Texas Instruments RM46L852CZWTT Datasheet HTML 4Page - Texas Instruments RM46L852CZWTT Datasheet HTML 5Page - Texas Instruments RM46L852CZWTT Datasheet HTML 6Page - Texas Instruments RM46L852CZWTT Datasheet HTML 7Page - Texas Instruments RM46L852CZWTT Datasheet HTML 8Page - Texas Instruments RM46L852CZWTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 188 page
background image
RM46L852
SPNS185C – SEPTEMBER 2012 – REVISED JUNE 2015
www.ti.com
1.2
Applications
Industrial Safety Applications
Medical Applications
Industrial Automation
Ventilators
Safe Programmable Logic Controllers (PLCs)
Defibrillators
Power Generation and Distribution
Infusion and Insulin Pumps
Turbines and Windmills
Radiation Therapy
Elevators and Escalators
Robotic Surgery
1.3
Description
The RM46L852 device is a high-performance microcontroller family for safety systems. The safety
architecture includes dual CPUs in lockstep, CPU and memory BIST logic, ECC on both the flash and the
data SRAM, parity on peripheral memories, and loopback capability on peripheral I/Os.
The RM46L852 device integrates the ARM Cortex-R4F floating-point CPU which offers an efficient
1.66 DMIPS/MHz, and can run up to 220 MHz providing up to 365 DMIPS. The device supports the little-
endian [LE] format.
The RM46L852 device has 1.25MB of integrated flash and 192KB of data RAM with single-bit error
correction and double-bit error detection. The flash memory on this device is a nonvolatile, electrically
erasable and programmable memory, implemented with a 64-bit-wide data bus interface. The flash
operates on a 3.3-V supply input (same level as I/O supply) for all read, program, and erase operations.
When in pipeline mode, the flash operates with a system clock frequency of up to 220 MHz. The SRAM
supports single-cycle read and write accesses in byte, halfword, word, and double-word modes throughout
the supported frequency range.
The RM46L852 device features peripherals for real-time control-based applications, including two Next
Generation High-End Timer (N2HET) timing coprocessors with up to 44 I/O terminals, seven Enhanced
Pulse Width Modulator (ePWM) modules with up to 14 outputs, six Enhanced Capture (eCAP) modules,
two Enhanced Quadrature Encoder Pulse (eQEP) modules, and two 12-bit Analog-to-Digital Converters
(ADCs) supporting up to 24 inputs.
The N2HET is an advanced intelligent timer that provides sophisticated timing functions for real-time
applications. The timer is software-controlled, using a reduced instruction set, with a specialized timer
micromachine and an attached I/O port. The N2HET can be used for pulse-width-modulated outputs,
capture or compare inputs, or general-purpose I/O (GIO). The N2HET is especially well suited for
applications requiring multiple sensor information and drive actuators with complex and accurate time
pulses. A High-End Timer Transfer Unit (HTU) can perform DMA-type transactions to transfer N2HET data
to or from main memory. A Memory Protection Unit (MPU) is built into the HTU.
The ePWM module can generate complex pulse width waveforms with minimal CPU overhead or
intervention. The ePWM is easy to use and it supports both high-side and low-side PWM and deadband
generation. With integrated trip zone protection and synchronization with the on-chip MibADC, the ePWM
module is ideal for digital motor control applications.
The eCAP module is essential in systems where the accurately timed capture of external events is
important. The eCAP can also be used to monitor the ePWM outputs or for simple PWM generation when
the eCAP is not needed for capture applications.
The eQEP module is used for direct interface with a linear or rotary incremental encoder to get position,
direction, and speed information from a rotating machine as used in high-performance motion and
position-control systems.
2
Device Overview
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: RM46L852


Similar Part No. - RM46L852CZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM46L852CZWTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com