Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM46L852 Datasheet(PDF) 5 Page - Texas Instruments

Part # RM46L852
Description  16- and 32-Bit RISC Flash Microcontroller
Download  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM46L852 Datasheet(HTML) 5 Page - Texas Instruments

  RM46L852_15 Datasheet HTML 1Page - Texas Instruments RM46L852_15 Datasheet HTML 2Page - Texas Instruments RM46L852_15 Datasheet HTML 3Page - Texas Instruments RM46L852_15 Datasheet HTML 4Page - Texas Instruments RM46L852_15 Datasheet HTML 5Page - Texas Instruments RM46L852_15 Datasheet HTML 6Page - Texas Instruments RM46L852_15 Datasheet HTML 7Page - Texas Instruments RM46L852_15 Datasheet HTML 8Page - Texas Instruments RM46L852_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 188 page
background image
RM46L852
www.ti.com
SPNS185C – SEPTEMBER 2012 – REVISED JUNE 2015
Table of Contents
1
Device Overview
......................................... 1
6.11
Tightly Coupled RAM Interface Module
............. 91
1.1
Features
.............................................. 1
6.12
Parity Protection for Accesses to Peripheral RAMs
91
1.2
Applications
........................................... 2
6.13
On-Chip SRAM Initialization and Testing
........... 93
1.3
Description
............................................ 2
6.14
External Memory Interface (EMIF)
.................. 95
1.4
Functional Block Diagram
............................ 4
6.15
Vectored Interrupt Manager
........................ 103
2
Revision History
......................................... 6
6.16
DMA Controller
..................................... 107
3
Device Comparison
..................................... 7
6.17
Real Time Interrupt Module
........................ 110
4
Terminal Configuration and Functions
............. 8
6.18
Error Signaling Module
............................. 112
4.1
PGE QFP Package Pinout (144-Pin)
................. 8
6.19
Reset / Abort / Error Sources
...................... 116
4.2
ZWT BGA Package Ball-Map (337 Ball Grid Array)
.. 9
6.20
Digital Windowed Watchdog
....................... 119
4.3
Terminal Functions
................................. 10
6.21
Debug Subsystem
................................. 120
5
Specifications
.......................................... 52
7
Peripheral Information and Electrical
Specifications
......................................... 125
5.1
Absolute Maximum Ratings Over Operating Free-
Air Temperature Range
............................ 52
7.1
Enhanced Translator PWM Modules (ePWM)
..... 125
5.2
ESD Ratings
........................................ 52
7.2
Enhanced Capture Modules (eCAP)
............... 130
5.3
Power-On Hours (POH)
............................. 52
7.3
Enhanced Quadrature Encoder (eQEP)
........... 132
5.4
Device Recommended Operating Conditions
....... 53
7.4
Multibuffered 12bit Analog-to-Digital Converter
.... 133
5.5
Switching Characteristics Over Recommended
7.5
General-Purpose Input/Output
..................... 145
Operating Conditions for Clock Domains
........... 54
7.6
Enhanced High-End Timer (N2HET)
.............. 146
5.6
Wait States Required
............................... 54
7.7
Controller Area Network (DCAN)
.................. 150
5.7
Power Consumption Over Recommended
7.8
Local Interconnect Network Interface (LIN)
........ 151
Operating Conditions
................................ 55
7.9
Serial Communication Interface (SCI)
............. 152
5.8
Input/Output Electrical Characteristics Over
7.10
Inter-Integrated Circuit (I2C)
....................... 153
Recommended Operating Conditions
............... 56
7.11
Multibuffered / Standard Serial Peripheral
5.9
Thermal Resistance Characteristics
................ 56
Interface
............................................ 156
5.10
Output Buffer Drive Strengths
...................... 57
7.12
Ethernet Media Access Controller
................. 168
5.11
Input Timings
........................................ 58
7.13
Universal Serial Bus (USB) Host and Device
5.12
Output Timings
...................................... 58
Controllers
......................................... 172
5.13
Low-EMI Output Buffers
............................ 60
8
Device and Documentation Support
.............. 174
6
System Information and Electrical
8.1
Device and Development-Support Tool
Specifications
........................................... 61
Nomenclature
...................................... 174
6.1
Device Power Domains
............................. 61
8.2
Documentation Support
............................ 175
6.2
Voltage Monitor Characteristics
..................... 61
8.3
Trademarks
........................................ 175
6.3
Power Sequencing and Power On Reset
........... 63
8.4
Electrostatic Discharge Caution
................... 175
6.4
Warm Reset (nRST)
................................. 65
8.5
Glossary
............................................ 175
6.5
ARM Cortex-R4F CPU Information
................. 66
8.6
Device Identification
................................ 176
6.6
Clocks
............................................... 69
8.7
Module Certifications
............................... 178
6.7
Clock Monitoring
.................................... 78
9
Mechanical Packaging and Orderable
6.8
Glitch Filters
......................................... 80
Information
............................................. 183
6.9
Device Memory Map
................................ 81
9.1
Packaging Information
............................. 183
6.10
Flash Memory
....................................... 88
Copyright © 2012–2015, Texas Instruments Incorporated
Table of Contents
5
Submit Documentation Feedback
Product Folder Links: RM46L852


Similar Part No. - RM46L852_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM46L852 TI-RM46L852 Datasheet
2Mb / 172P
[Old version datasheet]   16/32-Bit RISC Flash Microcontroller
More results

Similar Description - RM46L852_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com