Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRM44L520PGET Datasheet(PDF) 7 Page - Texas Instruments

Part # XRM44L520PGET
Description  16- and 32-Bit RISC Flash Microcontroller
Download  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

XRM44L520PGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button XRM44L520PGET Datasheet HTML 3Page - Texas Instruments XRM44L520PGET Datasheet HTML 4Page - Texas Instruments XRM44L520PGET Datasheet HTML 5Page - Texas Instruments XRM44L520PGET Datasheet HTML 6Page - Texas Instruments XRM44L520PGET Datasheet HTML 7Page - Texas Instruments XRM44L520PGET Datasheet HTML 8Page - Texas Instruments XRM44L520PGET Datasheet HTML 9Page - Texas Instruments XRM44L520PGET Datasheet HTML 10Page - Texas Instruments XRM44L520PGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 158 page
background image
RM44L920, RM44L520
www.ti.com
SPNS229B – OCTOBER 2014 – REVISED NOVEMBER 2015
2
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
This data manual revision history highlights the technical changes made to the SPNS229A device-specific
data manual to make it an SPNS229B revision.
Scope: Applicable updates to the RM44Lx20 device family, specifically relating to the RM44L920 and
RM44L520 devices (Silicon Revision A), which are now in the production data (PD) stage of development
have been incorporated.
Changes from November 13, 2014 to October 31, 2015 (from A Revision (November 2014) to B Revision)
Page
GLOBAL: Deleted RM44L922 and RM44L522 devices; no longer supported
................................................ 1
Section 1.1 (Features): Updated/Changed the N2HET feature
................................................................. 1
Section 1.1: Removed ZWT package; no longer supported [along with ZWT performance characteristics] and
limited PGE package performance to 180 MHz
.................................................................................. 1
Section 1.3 (Description): Corrected DMA description, 32 peripheral requests, not 32 control packets
.................. 4
Section 1.3: Updated/Changed ESM paragraph
................................................................................. 4
Table 3-1 (RM44Lx20 Device Comparison): Added RM46L852PGE device column
........................................ 9
Table 3-1: Deleted RM48L952ZWT device column
.............................................................................. 9
Table 3-1: Updated/Changed the GPIO pin count for PZ package devices from "55" to "45"
............................. 9
Section 4.2 (Signal Descriptions): Updated/Changed "Default Pull Type" to "Reset Pull Type"
.......................... 12
Table 4-2 (PGE Enhanced High-End Timer Modules (N2HET)): Updated/Changed N2HET1 time input capture
or output compare pin description
................................................................................................ 14
Table 4-2: Updated/Changed N2HET2 time input capture or output compare pin description
........................... 14
Table 4-5 (PGE Enhanced Pulse-Width Modulator Modules (ePWM)): Updated/Changed EPWM1SYNCI
............ 16
Table 4-15 (PGE Test and Debug Modules Interface): Updated/Changed TEST pin description
........................ 21
Table 4-20 (PZ Enhanced High-End Timer Modules (N2HET)): Updated/Changed N2HET1 time input capture or
output compare pin description
.................................................................................................... 23
Table 4-23 (PZ Enhanced Pulse-Width Modulator Modules (ePWM)): Updated/Changed EPWM1SYNCI
............. 24
Table 4-32 (PZ Test and Debug Modules Interface): Updated/Changed TEST pin description
.......................... 29
Table 4-41 (Selectable 8mA/2mA Control):
...................................................................................... 36
Section 5.1 (Absolute Maximum Ratings): Moved Storage temperature range back to Absolute Maximum
Ratings table.
........................................................................................................................ 37
Added Section 5.3, Power-On Hours (POH)
.................................................................................... 37
Section 5.3 (Power-On Hours (POH)): Added associated footnotes
......................................................... 37
Section 5.6 (Power Consumption Over Recommended Operating Conditions): Updated/Changed I CC TYP and
MAX values
.......................................................................................................................... 40
Section 5.6: Updated/Changed the ICCTYP value from "190 mA at 200 MHz" to "170 mA at 180 MHz"................ 40
Section 5.6: Updated/Changed the ICCMAX value from "330 mA at 200 MHz" to "310 mA at 180 MHz" ............... 40
Section 5.7 (Thermal Resistance Characteristics): Added new section
..................................................... 41
Table 5-1 (Thermal Resistance Characteristics (PGE Package)): Added R
ΘJA test conditions and added ΨJT ....... 41
Table 5-2 (Thermal Resistance Characteristics (PZ Package)): Added R
ΘJA test conditions and added ΨJT.......... 41
Section 5.8.1.2 (Wait States Required): Updated/Changed "The TCM flash can support ..." paragraph
............... 43
Section 6.1 (Device Power Domains): Updated/Changed the core power domains count to "5"
......................... 44
Section 6.1: Deleted "The logic in the modules ..." NOTE, no longer applicable
........................................... 44
Table 6-1 (Voltage Monitoring Specifications): Updated/Changed the VMON, VCC low MAX from "1.0" to "1.13" V... 44
Table 6-4 (Electrical Requirements for nPORRST): Updated/Changed tf(nPORRST) MIN from "500" to "475" ns......... 46
Table 6-6 (nRST Timing Requirements): Updated/Changed tv(RST) number of cycles from " 2252tc(OSC)" to
"2256tc(OSC)" .......................................................................................................................... 47
Table 6-6: Updated/Changed tf(nRST) MIN from "500" to "475" ns ............................................................. 47
Section 6.5.1 Added Quantity of Breakpoints and Watchpoints
.............................................................. 48
Table 6-10 (LPO Specifications): Updated/Changed LPO - HF oscillator, untrimmed frequency TYP value from
"9.6" to "9" MHz
..................................................................................................................... 53
Table 6-10: Added LPO - HF oscillator, trimmed frequency MIN/TYP/MAX values
........................................ 53
Table 6-19 (Glitch Filter Timing Specifications): Updated/Changed nRST, nPORRST, and TEST MIN values
from "500" to "475" ns
.............................................................................................................. 60
Table 6-23 (Timing Requirements for Program Flash): Added footnote to terase(bank0), Sector/Bank erase time ........ 68
Copyright © 2014–2015, Texas Instruments Incorporated
Revision History
7
Submit Documentation Feedback
Product Folder Links: RM44L920 RM44L520


Similar Part No. - XRM44L520PGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XRM44L520APZT TI1-XRM44L520APZT Datasheet
8Mb / 162P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - XRM44L520PGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L430 TI1-RM46L430 Datasheet
8Mb / 179P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com