Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RM46L430 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # RM46L430
Description  16- and 32-Bit RISC Flash Microcontroller
Download  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM46L430 Datasheet(HTML) 7 Page - Texas Instruments

Back Button RM46L430 Datasheet HTML 3Page - Texas Instruments RM46L430 Datasheet HTML 4Page - Texas Instruments RM46L430 Datasheet HTML 5Page - Texas Instruments RM46L430 Datasheet HTML 6Page - Texas Instruments RM46L430 Datasheet HTML 7Page - Texas Instruments RM46L430 Datasheet HTML 8Page - Texas Instruments RM46L430 Datasheet HTML 9Page - Texas Instruments RM46L430 Datasheet HTML 10Page - Texas Instruments RM46L430 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
RM46L430, RM46L830
www.ti.com
SPNS182C – SEPTEMBER 2012 – REVISED JUNE 2015
3
Device Comparison
Table 3-1 lists the features of the RM46Lx30 devices.
Table 3-1. RM46Lx30 Device Comparison(1)(2)
FEATURES
DEVICES
Generic Part
RM48L952ZWT
(3)
RM46L852ZWT
(3)
RM46L830ZWT
RM46L830PGE
RM46L430ZWT
RM46L430PGE
RM44L520PGE
RM42L432PZ
Number
Package
337 BGA
337 BGA
337 BGA
144 QFP
337 BGA
144 QFP
144 QFP
100 QFP
CPU
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4F
ARM Cortex-R4
Frequency (MHz)
220
220
200
200
200
200
200
100
Flash (KB)
3072
1280
1280
1280
1024
1024
768
384
RAM (KB)
256
192
192
192
128
128
128
32
Data Flash
64
64
64
64
64
64
64
16
[EEPROM] (KB)
USB OHCI +
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
2+0 or 1+1
Device
EMAC
10/100
10/100
CAN
3
3
3
3
3
3
3
2
MibADC
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
2 (24ch)
1 (16ch)
12-bit (Ch)
N2HET (Ch)
2 (44)
2 (44)
2 (44)
2 (40)
2 (44)
2 (40)
2 (40)
1 (19)
ePWM Channels
14
14
14
14
14
14
eCAP Channels
6
6
6
6
6
6
eQEP Channels
2
2
2
2
2
2
1
MibSPI (CS)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (6 + 6 + 4)
3 (5 + 6 + 1)
3 (5 + 6 + 1)
1 (4)
SPI (CS)
2 (2 + 1)
2 (2 + 1)
2 (2 + 1)
1 (1)
2 (2 + 1)
1 (1)
1 (1)
2 (4 + 4)
SCI (LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
2 (1 with LIN)
1(with LIN)
I2C
1
1
1
1
1
1
1
144 (with 16
101 (with 16
101 (with 16
64 (with 10 interrupt 101 (with 16 interrupt 64 (with 10 interrupt 64 (with 10 interrupt 45 (with 8 interrupt
GPIO (INT)
(4)
interrupt capable)
interrupt capable)
interrupt capable)
capable)
capable)
capable)
capable)
capable)
EMIF
16-bit data
16-bit data
16-bit data
16-bit data
ETM [Trace]
(32)
(Data)
RTP/DMM (Data)
(16/16)
Operating
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
-40ºC to 105ºC
Temperature
Core Supply (V)
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
1.14 V – 1.32 V
I/O Supply (V)
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
3.0 V – 3.6 V
(1)
For additional device variants, see www.ti.com/rm
(2)
This table reflects the maximum configuration for each peripheral. Some functions are multiplexed and not all pins are available at the
same time.
(3)
Superset device.
(4)
Total number of pins that can be used as general purpose input or output when not used as part of a peripheral.
Copyright © 2012–2015, Texas Instruments Incorporated
Device Comparison
7
Submit Documentation Feedback
Product Folder Links: RM46L430 RM46L830


Similar Part No. - RM46L430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440CPGET TI1-RM46L440CPGET Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440CZWTT TI1-RM46L440CZWTT Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L450 TI1-RM46L450 Datasheet
2Mb / 172P
[Old version datasheet]   RM46Lx50 16/32-Bit RISC Flash Microcontroller
RM46L450CPGET TI1-RM46L450CPGET Datasheet
8Mb / 189P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results

Similar Description - RM46L430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS570LS0432 TI1-TMS570LS0432_15 Datasheet
8Mb / 110P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0714 TI1-TMS570LS0714 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914_16 Datasheet
8Mb / 163P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM41L232 TI1-RM41L232 Datasheet
7Mb / 108P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS0914 TI1-TMS570LS0914 Datasheet
8Mb / 159P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS1114 TI1-TMS570LS1114_15 Datasheet
8Mb / 169P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM46L440 TI1-RM46L440 Datasheet
8Mb / 176P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP_15 Datasheet
5Mb / 157P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
TMS570LS3137-EP TI1-TMS570LS3137-EP Datasheet
4Mb / 155P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
RM44L920 TI1-RM44L920 Datasheet
8Mb / 158P
[Old version datasheet]   16- and 32-Bit RISC Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com