Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RF430CL330H-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Part # RF430CL330H-Q1
Description  Automotive Dynamic NFC Interface Transponder
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RF430CL330H-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  RF430CL330H-Q1 Datasheet HTML 1Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 2Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 3Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 4Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 5Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 6Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 7Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 8Page - Texas Instruments RF430CL330H-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
NFC
Reader
Microcontroller
INTO
I C or SPI
2
RF430
NFC Tag
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
RF430CL330H-Q1
SLASE81 – JUNE 2015
RF430CL330H-Q1 Automotive Dynamic NFC Interface Transponder
1
Device Overview
1.1
Features
1
• Qualified for Automotive Applications
• 3KB of SRAM for NDEF Messages
• NFC Tag Type 4
• Automatic Checking of NDEF Structure
• ISO14443B-Compliant 13.56-MHz RF Interface
• Interrupt Register and Output Pin to Indicate NDEF
Supports up to 848 kbps
Read or Write Completion
• SPI or I2C Interface to Write and Read NDEF
Messages to Internal SRAM
1.2
Applications
Bluetooth® Pairing
Diagnostic Interface
Wi-Fi® Configuration
Sensor Interface
1.3
Description
The TI Dynamic Near Field Communication (NFC) Interface Transponder RF430CL330H is an NFC Tag
Type 4 device that combines a wireless NFC interface and a wired SPI or I2C interface to connect the
device to a host. The NDEF message in the SRAM can be written and read from the integrated SPI or I2C
serial communication interface and can also be accessed and updated wirelessly through the integrated
ISO14443B-compliant RF interface that supports up to 848 kbps.
This operation allows NFC connection handover for an alternative carrier like Bluetooth, Bluetooth low
energy (BLE), and Wi-Fi as an easy and intuitive pairing process or authentication process with only a tap.
As a general NFC interface, the RF430CL330H enables end equipments to communicate with the fast-
growing infrastructure of NFC-enabled smart phones, tablets, and notebooks.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE(2)
RF430CL330HTPWRQ1
TSSOP (14)
5 mm × 4.4 mm
(1)
For the most current part, package, and ordering information for all available devices, see the Package
Option Addendum in Section 8, or see the TI website at www.ti.com.
(2)
The sizes shown here are approximations. For the package dimensions with tolerances, see the
Mechanical Data in Section 8.
1.4
Typical Application Diagram
Figure 1-1 shows a typical application diagram for the RF430CL330H device.
Figure 1-1. Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - RF430CL330H-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330HCPWR TI1-RF430CL330HCPWR Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330HCPWR TI1-RF430CL330HCPWR Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330HIRGTR TI1-RF430CL330HIRGTR Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
More results

Similar Description - RF430CL330H-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
RF430CL330H TI1-RF430CL330H Datasheet
438Kb / 33P
[Old version datasheet]   DYNAMIC NFC INTERFACE TRANSPONDER
RF430CL330H TI1-RF430CL330H_14 Datasheet
906Kb / 47P
[Old version datasheet]   Dynamic NFC Interface Transponder
RF430CL331H TI1-RF430CL331H Datasheet
799Kb / 60P
[Old version datasheet]   NFC Type 4B Dynamic Dual Interface Transponder
logo
PREMO CORPORATION S.L
SDTR1103-HF2 PREMO-SDTR1103-HF2 Datasheet
98Kb / 1P
   SMD Transponder for NFC applications
logo
Sonardyne sound in dept...
8124 SONARDYNE-8124 Datasheet
398Kb / 2P
   Dynamic Positioning Transponder (DPT)
logo
Texas Instruments
RF430FRL152H TI-RF430FRL152H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL152H TI1-RF430FRL152H Datasheet
1Mb / 53P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
RF430FRL154H TI-RF430FRL154H_15 Datasheet
682Kb / 51P
[Old version datasheet]   RF430FRL15xH NFC ISO 15693 Sensor Transponder
logo
ams AG
AS3955 AMSCO-AS3955_V01 Datasheet
1Mb / 102P
   NFC Forum Compliant Dynamic Tag
2016-Feb-03
AS3956 AMSCO-AS3956_V01 Datasheet
1Mb / 107P
   NFC Forum Compliant Dynamic Tag
2018-Nov-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com