Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5969 Datasheet(PDF) 35 Page - Texas Instruments

Part # MSP430FR5969
Description  Mixed-Signal Microcontrollers
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5969 Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430FR5969_15 Datasheet HTML 31Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 32Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 33Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 34Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 35Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 36Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 37Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 38Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 132 page
background image
100
1000
10
100
External Load Capacitance (incl. board etc.) [pF]
fitted
25°C
85°C
C002
100
1000
10
100
External Load Capacitance (incl. board etc.) [pF]
fitted
25°C
85°C
C002
MSP430FR5969, MSP430FR59691, MSP430FR5968, MSP430FR5967
MSP430FR5959, MSP430FR5958, MSP430FR5957
MSP430FR5949, MSP430FR5948, MSP430FR5947, MSP430FR59471
www.ti.com
SLAS704E – OCTOBER 2012 – REVISED MARCH 2015
Table 5-13. Pin-Oscillator Frequency, Ports Px
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
Px.y, CL = 10 pF
(1)
3.0 V
1640
kHz
foPx.y
Pin-oscillator frequency
Px.y, CL = 20 pF
(1)
3.0 V
870
kHz
(1)
CL is the external load capacitance connected from the output to VSS and includes all parasitic effects such as PCB traces.
5.12.5.1.2 Typical Characteristics, Pin-Oscillator Frequency
VCC = 2.2 V
One output active at a time.
VCC = 3.0 V
One output active at a time.
Figure 5-13. Typical Oscillation Frequency vs Load Capacitance
Figure 5-14. Typical Oscillation Frequency vs Load Capacitance
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
35
Submit Documentation Feedback
Product Folder Links: MSP430FR5969 MSP430FR59691 MSP430FR5968 MSP430FR5967 MSP430FR5959
MSP430FR5958 MSP430FR5957 MSP430FR5949 MSP430FR5948 MSP430FR5947 MSP430FR59471


Similar Part No. - MSP430FR5969_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5969 TI1-MSP430FR5969_14 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5969_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com