Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR5969 Datasheet(PDF) 25 Page - Texas Instruments

Part # MSP430FR5969
Description  Mixed-Signal Microcontrollers
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR5969 Datasheet(HTML) 25 Page - Texas Instruments

Back Button MSP430FR5969_15 Datasheet HTML 21Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 22Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 23Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 24Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 25Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 26Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 27Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 28Page - Texas Instruments MSP430FR5969_15 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 132 page
background image
MSP430FR5969, MSP430FR59691, MSP430FR5968, MSP430FR5967
MSP430FR5959, MSP430FR5958, MSP430FR5957
MSP430FR5949, MSP430FR5948, MSP430FR5947, MSP430FR59471
www.ti.com
SLAS704E – OCTOBER 2012 – REVISED MARCH 2015
5.12.2 Reset Timing
Table 5-3. Reset Input
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
2.2 V,
t(RST)
External reset pulse duration on RST(1)
2
µs
3.0 V
(1)
Not applicable if RST/NMI pin configured as NMI.
5.12.3 Clock Specifications
Table 5-4. Low-Frequency Crystal Oscillator, LFXT(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
fOSC = 32768 Hz,
LFXTBYPASS = 0, LFXTDRIVE = {0},
3.0 V
180
TA = 25°C, CL,eff = 3.7 pF, ESR ≈ 44 kΩ
fOSC = 32768 Hz,
LFXTBYPASS = 0, LFXTDRIVE = {1},
3.0 V
185
TA = 25°C, CL,eff = 6 pF, ESR ≈ 40 kΩ
IVCC.LFXT
Current consumption
nA
fOSC = 32768 Hz,
LFXTBYPASS = 0, LFXTDRIVE = {2},
3.0 V
225
TA = 25°C, CL,eff = 9 pF, ESR ≈ 40 kΩ
fOSC = 32768 Hz,
LFXTBYPASS = 0, LFXTDRIVE = {3},
3.0 V
330
TA = 25°C, CL,eff = 12.5 pF, ESR ≈ 40 kΩ
fLFXT
LFXT oscillator crystal frequency
LFXTBYPASS = 0
32768
Hz
Measured at ACLK,
DCLFXT
LFXT oscillator duty cycle
30%
70%
fLFXT = 32768 Hz
LFXT oscillator logic-level
fLFXT,SW
LFXTBYPASS = 1(2) (3)
10.5
32.768
50
kHz
square-wave input frequency
LFXT oscillator logic-level
DCLFXT, SW
LFXTBYPASS = 1
30%
70%
square-wave input duty cycle
LFXTBYPASS = 0, LFXTDRIVE = {1},
210
fLFXT = 32768 Hz, CL,eff = 6 pF
Oscillation allowance for
OALFXT
k
LF crystals(4)
LFXTBYPASS = 0, LFXTDRIVE = {3},
300
fLFXT = 32768 Hz, CL,eff = 12.5 pF
(1)
To improve EMI on the LFXT oscillator, the following guidelines should be observed.
Keep the trace between the device and the crystal as short as possible.
Design a good ground plane around the oscillator pins.
Prevent crosstalk from other clock or data lines into oscillator pins LFXIN and LFXOUT.
Avoid running PCB traces underneath or adjacent to the LFXIN and LFXOUT pins.
Use assembly materials and processes that avoid any parasitic load on the oscillator LFXIN and LFXOUT pins.
If conformal coating is used, ensure that it does not induce capacitive or resistive leakage between the oscillator pins.
(2)
When LFXTBYPASS is set, LFXT circuits are automatically powered down. Input signal is a digital square wave with parametrics
defined in the Schmitt-trigger Inputs section of this datasheet. Duty cycle requirements are defined by DCLFXT, SW.
(3)
Maximum frequency of operation of the entire device cannot be exceeded.
(4)
Oscillation allowance is based on a safety factor of 5 for recommended crystals. The oscillation allowance is a function of the
LFXTDRIVE settings and the effective load. In general, comparable oscillator allowance can be achieved based on the following
guidelines, but should be evaluated based on the actual crystal selected for the application:
For LFXTDRIVE = {0}, CL,eff = 3.7 pF.
For LFXTDRIVE = {1}, CL,eff = 6 pF
For LFXTDRIVE = {2}, 6 pF
≤ CL,eff ≤ 9 pF
For LFXTDRIVE = {3}, 9 pF
≤ CL,eff ≤ 12.5 pF
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
25
Submit Documentation Feedback
Product Folder Links: MSP430FR5969 MSP430FR59691 MSP430FR5968 MSP430FR5967 MSP430FR5959
MSP430FR5958 MSP430FR5957 MSP430FR5949 MSP430FR5948 MSP430FR5947 MSP430FR59471


Similar Part No. - MSP430FR5969_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR5969 TI1-MSP430FR5969_14 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR5969_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com