Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR4133 Datasheet(PDF) 80 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR4133
Description  Mixed-Signal Microcontrollers
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR4133 Datasheet(HTML) 80 Page - Texas Instruments

Back Button MSP430FR4133 Datasheet HTML 76Page - Texas Instruments MSP430FR4133 Datasheet HTML 77Page - Texas Instruments MSP430FR4133 Datasheet HTML 78Page - Texas Instruments MSP430FR4133 Datasheet HTML 79Page - Texas Instruments MSP430FR4133 Datasheet HTML 80Page - Texas Instruments MSP430FR4133 Datasheet HTML 81Page - Texas Instruments MSP430FR4133 Datasheet HTML 82Page - Texas Instruments MSP430FR4133 Datasheet HTML 83Page - Texas Instruments MSP430FR4133 Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
1
3
5
7
9
11
13
2
4
6
8
10
12
14
TEST/SBWTCK
MSP430FRxxx
RST/NMI/SBWTDIO
TDO/TDI
TCK
GND
JTAG
R1
47 kΩ
(see Note B)
VCC TOOL
VCC TARGET
C1
1 nF
(see Note B)
J1 (see Note A)
J2 (see Note A)
Important to connect
DVCC
DVSS
V
CC
MSP430FR4133, MSP430FR4132, MSP430FR4131
SLAS865B – OCTOBER 2014 – REVISED AUGUST 2015
www.ti.com
A.
Make connection J1 if a local target power supply is used, or make connection J2 if the target is powered from the
debug or programming adapter.
B.
The device RST/NMI/SBWTDIO pin is used in 2-wire mode for bidirectional communication with the device during
JTAG access, and any capacitance that is attached to this signal may affect the ability to establish a connection with
the device. The upper limit for C1 is 1.1 nF when using current TI tools.
Figure 7-4. Signal Connections for 2-Wire JTAG Communication (Spy-Bi-Wire)
7.1.4
Reset
The reset pin can be configured as a reset function (default) or as an NMI function in the Special Function
Register (SFR), SFRRPCR.
In reset mode, the RST/NMI pin is active low, and a pulse applied to this pin that meets the reset timing
specifications generates a BOR-type device reset.
Setting SYSNMI causes the RST/NMI pin to be configured as an external NMI source. The external NMI is
edge sensitive, and its edge is selectable by SYSNMIIES. Setting the NMIIE enables the interrupt of the
external NMI. When an external NMI event occurs, the NMIIFG is set.
The RST/NMI pin can have either a pullup or pulldown that is enabled or not. SYSRSTUP selects either
pullup or pulldown, and SYSRSTRE causes the pullup (default) or pulldown to be enabled (default) or not.
If the RST/NMI pin is unused, it is required either to select and enable the internal pullup or to connect an
external 47-k
Ω pullup resistor to the RST/NMI pin with a 1.1-nF pulldown capacitor. The pulldown
capacitor should not exceed 1.1 nF when using devices with Spy-Bi-Wire interface in Spy-Bi-Wire mode or
in 4-wire JTAG mode with TI tools like FET interfaces or GANG programmers.
See the device family user’s guide (SLAU367) for more information on the referenced control registers
and bits.
7.1.5
Unused Pins
For details on the connection of unused pins, see Section 4.4.
80
Applications, Implementation, and Layout
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: MSP430FR4133 MSP430FR4132 MSP430FR4131


Similar Part No. - MSP430FR4133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2000 TI1-MSP430FR2000 Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IPW16 TI1-MSP430FR2000IPW16 Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IPW16R TI1-MSP430FR2000IPW16R Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IRLL TI1-MSP430FR2000IRLL Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IRLLR TI1-MSP430FR2000IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR4133

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com