Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430FR2033 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430FR2033
Description  Mixed-Signal Microcontrollers
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430FR2033 Datasheet(HTML) 17 Page - Texas Instruments

Back Button MSP430FR2033 Datasheet HTML 13Page - Texas Instruments MSP430FR2033 Datasheet HTML 14Page - Texas Instruments MSP430FR2033 Datasheet HTML 15Page - Texas Instruments MSP430FR2033 Datasheet HTML 16Page - Texas Instruments MSP430FR2033 Datasheet HTML 17Page - Texas Instruments MSP430FR2033 Datasheet HTML 18Page - Texas Instruments MSP430FR2033 Datasheet HTML 19Page - Texas Instruments MSP430FR2033 Datasheet HTML 20Page - Texas Instruments MSP430FR2033 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
MSP430FR2033, MSP430FR2032
www.ti.com
SLASE45B – OCTOBER 2014 – REVISED AUGUST 2015
5.10 Typical Characteristics - Current Consumption Per Module
MODULE
TEST CONDITIONS
REFERENCE CLOCK
TYP
UNIT
Timer_A
Module input clock
5
µA/MHz
eUSCI_A
UART mode
Module input clock
7
µA/MHz
eUSCI_A
SPI mode
Module input clock
5
µA/MHz
eUSCI_B
SPI mode
Module input clock
5
µA/MHz
eUSCI_B
I2C mode, 100 kbaud
Module input clock
5
µA/MHz
RTC
32 kHz
85
nA
CRC
From start to end of operation
MCLK
8.5
µA/MHz
5.11 Thermal Characteristics
PARAMETERS
VALUE
UNIT
θJA
Junction-to-ambient thermal resistance, still air(1)
61.7
°C/W
θJC, (TOP) Junction-to-case (top) thermal resistance
(2)
25.4
°C/W
θJB
Junction-to-board thermal resistance(3)
LQFP-64 (PM)
32.7
°C/W
ΨJB
Junction-to-board thermal characterization parameter
32.4
°C/W
ΨJT
Junction-to-top thermal characterization parameter
2.5
°C/W
θJA
Junction-to-ambient thermal resistance, still air( (1)
62.4
°C/W
θJC, (TOP) Junction-to-case (top) thermal resistance
(2)
18.7
°C/W
θJB
Junction-to-board thermal resistance(3)
TSSOP-56 (DGG56)
31.4
°C/W
ΨJB
Junction-to-board thermal characterization parameter
31.1
°C/W
ΨJT
Junction-to-top thermal characterization parameter
0.8
°C/W
θJA
Junction-to-ambient thermal resistance, still air( (1)
68.9
°C.W
θJC, (TOP) Junction-to-case (top) thermal resistance
(2)
23
°C/W
θJB
Junction-to-board thermal resistance(3)
TSSOP-48 (DGG48)
35.8
°C/W
ΨJB
Junction-to-board thermal characterization parameter
35.3
°C/W
ΨJT
Junction-to-top thermal characterization parameter
1.1
°C/W
(1)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, High-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(2)
The junction-to-case (top) thermal resistance is obtained by simulating a cold place test on the package top. No specific JEDEC-
standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(3)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold place fixture to control the PCB
temperature, as described in JESD51-8.
Copyright © 2014–2015, Texas Instruments Incorporated
Specifications
17
Submit Documentation Feedback
Product Folder Links: MSP430FR2033 MSP430FR2032


Similar Part No. - MSP430FR2033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430FR2000 TI1-MSP430FR2000 Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IPW16 TI1-MSP430FR2000IPW16 Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IPW16R TI1-MSP430FR2000IPW16R Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IRLL TI1-MSP430FR2000IRLL Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2000IRLLR TI1-MSP430FR2000IRLLR Datasheet
1Mb / 78P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430FR2033

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6736A TI1-MSP430F6736A Datasheet
2Mb / 149P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com