Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F6736A Datasheet(PDF) 83 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F6736A
Description  Mixed-Signal Microcontrollers
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F6736A Datasheet(HTML) 83 Page - Texas Instruments

Back Button MSP430F6736A Datasheet HTML 79Page - Texas Instruments MSP430F6736A Datasheet HTML 80Page - Texas Instruments MSP430F6736A Datasheet HTML 81Page - Texas Instruments MSP430F6736A Datasheet HTML 82Page - Texas Instruments MSP430F6736A Datasheet HTML 83Page - Texas Instruments MSP430F6736A Datasheet HTML 84Page - Texas Instruments MSP430F6736A Datasheet HTML 85Page - Texas Instruments MSP430F6736A Datasheet HTML 86Page - Texas Instruments MSP430F6736A Datasheet HTML 87Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 149 page
background image
MSP430F6736A, MSP430F6735A, MSP430F6734A, MSP430F6733A
MSP430F6731A, MSP430F6730A, MSP430F6726A, MSP430F6725A
MSP430F6724A, MSP430F6723A, MSP430F6721A, MSP430F6720A
www.ti.com
SLASE46 – FEBRUARY 2015
6.11.18 TA3
TA3 is a 16-bit timer/counter (Timer_A type) with two capture/compare registers. TA3 can support multiple
capture/compares, PWM outputs, and interval timing. TA3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the
capture/compare registers.
Table 6-14. TA3 Signal Connections
MODULE OUTPUT
DEVICE OUTPUT
DEVICE INPUT SIGNAL
MODULE INPUT NAME
MODULE BLOCK
SIGNAL
SIGNAL
PM_TACLK
TACLK
ACLK (internal)
ACLK
Timer
NA
SMCLK (internal)
SMCLK
PM_TACLK
INCLK
PM_TA3.0
CCI0A
PM_TA3.0
ADC10_A (internal)
DVSS
CCI0B
ADC10SHSx = {2}
CCR0
TA0
DVSS
GND
DVCC
VCC
PM_TA3.1
CCI1A
PM_TA3.1
SD24_B (internal)
ACLK (internal)
CCI1B
SD24SCSx = {3}
CCR1
TA1
DVSS
GND
DVCC
VCC
6.11.19 SD24_B Triggers
Table 6-15 shows the input trigger connections to SD24_B converters from Timer_A modules and output
trigger pulse connection from SD24_B to ADC10_A.
Table 6-15. SD24_B Input/Output Trigger Connections
MODULE OUTPUT
DEVICE OUTPUT
DEVICE INPUT SIGNAL MODULE INPUT SIGNAL
MODULE BLOCK
SIGNAL
SIGNAL
SD24_B
ADC10_A (internal)
TA0.1 (internal)
Trigger Pulse
SD24SCSx = {1}
ADC10SHSx = {3}
SD24_B
TA2.1 (internal)
SD24_B
SD24SCSx = {2}
SD24_B
TA3.1 (internal)
SD24SCSx = {3}
6.11.20 ADC10_A Triggers
Table 6-16 shows input trigger connections to ADC10_A from Timer_A modules and SD24_B.
Table 6-16. ADC10_A Input Trigger Connections
DEVICE INPUT SIGNAL
MODULE INPUT SIGNAL
MODULE BLOCK
ADC10_A
TA0.1 (internal)
ADC10SHSx = {1}
ADC10_A
ADC10_A
TA3.0 (internal)
ADC10SHSx = {2}
Copyright © 2015, Texas Instruments Incorporated
Detailed Description
83
Submit Documentation Feedback
Product Folder Links: MSP430F6736A MSP430F6735A MSP430F6734A MSP430F6733A MSP430F6731A
MSP430F6730A MSP430F6726A MSP430F6725A MSP430F6724A MSP430F6723A MSP430F6721A
MSP430F6720A


Similar Part No. - MSP430F6736A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F6736 TI1-MSP430F6736 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F6736CY TI1-MSP430F6736CY Datasheet
1,013Kb / 121P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F6736CYS TI1-MSP430F6736CYS Datasheet
1,013Kb / 121P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F6736IPN TI1-MSP430F6736IPN Datasheet
1,013Kb / 121P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F6736IPN TI1-MSP430F6736IPN Datasheet
1Mb / 124P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results

Similar Description - MSP430F6736A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X33X TI-MSP430X33X Datasheet
353Kb / 27P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F5638 TI1-MSP430F5638_15 Datasheet
1Mb / 120P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430F6638 TI1-MSP430F6638 Datasheet
1Mb / 126P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR2033 TI1-MSP430FR2033 Datasheet
1Mb / 89P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR4133 TI1-MSP430FR4133 Datasheet
1Mb / 101P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5969 TI1-MSP430FR5969_15 Datasheet
2Mb / 132P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP432P401R TI1-MSP432P401R Datasheet
1Mb / 157P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR5994 TI1-MSP430FR5994 Datasheet
1Mb / 166P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430I2041 TI1-MSP430I2041 Datasheet
1Mb / 76P
[Old version datasheet]   Mixed-Signal Microcontrollers
MSP430FR6889 TI1-MSP430FR6889 Datasheet
2Mb / 176P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com