Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2538NF11RTQT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # CC2538NF11RTQT
Description  Powerful Wireless Microcontroller System-On-Chip
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2538NF11RTQT Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2538NF11RTQT Datasheet HTML 5Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 6Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 7Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 8Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 9Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 10Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 11Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 12Page - Texas Instruments CC2538NF11RTQT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
CC2538
www.ti.com
SWRS096D – DECEMBER 2012 – REVISED APRIL 2015
5
Specifications
5.1
Absolute Maximum Ratings
(1) (2) (3)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage
All supply pins must have the same voltage
–0.3
3.9
V
Voltage on any digital pin
–0.3
VDD + 0.3, ≤ 3.9
V
Input RF level
10
dBm
Tstg
Storage temperature range
–40
125
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to VSS, unless otherwise noted.
(3)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
5.2
ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS001(1)
±1
kV
Electrostatic discharge (ESD)
VESD
Charged device model (CDM),
performance:
All pins
±500
V
per JESD22-C101(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating ambient temperature range, TA
–40
125
°C
Operating supply voltage (1)
2
3.6
V
(1)
The CC2538 contains a power on reset (POR) module and a brown out detector (BOD) that prevent the device from operating under
unsafe supply voltage conditions. In the two lowest power modes, PM2 and PM3, the POR is active but the BOD is powered down,
which gives a limited voltage supervision.
If the supply voltage is lowered to below 1.4 V during PM2/PM3, at temperatures of 70°C or higher, and then brought back up to good
operating voltage before active mode is re-entered, registers and RAM contents that are saved in PM2, PM3 may become altered.
Hence, care should be taken in the design of the system power supply to ensure that this does not occur. The voltage can be
periodically supervised accurately by entering active mode, as a BOD reset is triggered if the supply voltage is below approximately
1.7 V.
Copyright © 2012–2015, Texas Instruments Incorporated
Specifications
9
Submit Documentation Feedback
Product Folder Links: CC2538


Similar Part No. - CC2538NF11RTQT

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
CC2538 TAOS-CC2538 Datasheet
808Kb / 24P
   A Powerful System-On-Chip for 2.4-GHz IEEE 802.15.4, 6LoWPAN and ZigBee Applications
More results

Similar Description - CC2538NF11RTQT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
N567GXXX ETC2-N567GXXX Datasheet
638Kb / 15P
   powerful microcontroller
logo
STMicroelectronics
BLUENRG-2 STMICROELECTRONICS-BLUENRG-2 Datasheet
5Mb / 190P
   Bluetooth짰 low energy wireless system-on-chip
November 2017 Rev 2
BLUENRG-1 STMICROELECTRONICS-BLUENRG-1 Datasheet
5Mb / 173P
   Bluetooth low energy wireless system-on-chip
logo
List of Unclassifed Man...
N567KXXX ETC2-N567KXXX Datasheet
638Kb / 15P
   powerful microcontroller (uC)
STM32W108CBU64TR ETC2-STM32W108CBU64TR Datasheet
302Kb / 20P
   High-performance, 802.15.4 wireless system-on-chip
N567K081 ETC2-N567K081 Datasheet
519Kb / 11P
   powerful microcontroller (uC)
logo
Cypress Semiconductor
CYONS2001 CYPRESS-CYONS2001 Datasheet
1Mb / 35P
   OvationONS??II Wireless Laser Navigation System-on-Chip
logo
STMicroelectronics
STM32W108HB STMICROELECTRONICS-STM32W108HB Datasheet
2Mb / 179P
   High-performance, IEEE 802.15.4 wireless system-on-chip
logo
List of Unclassifed Man...
NRF24LE1 ETC1-NRF24LE1 Datasheet
754Kb / 2P
   Single chip ultra low power wireless Ultra low power wireless system-on-chip solution
logo
Cypress Semiconductor
CYONS2110 CYPRESS-CYONS2110 Datasheet
1Mb / 36P
   OvationONS??II Wired/Wireless Laser Navigation System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com