Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2650 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2650
Description  Multistandard Wireless MCU
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2650 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2650_16 Datasheet HTML 4Page - Texas Instruments CC2650_16 Datasheet HTML 5Page - Texas Instruments CC2650_16 Datasheet HTML 6Page - Texas Instruments CC2650_16 Datasheet HTML 7Page - Texas Instruments CC2650_16 Datasheet HTML 8Page - Texas Instruments CC2650_16 Datasheet HTML 9Page - Texas Instruments CC2650_16 Datasheet HTML 10Page - Texas Instruments CC2650_16 Datasheet HTML 11Page - Texas Instruments CC2650_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 59 page
background image
CC2650
SWRS158A – FEBRUARY 2015 – REVISED OCTOBER 2015
www.ti.com
Table 4-1. Signal Descriptions – RGZ Package (continued)
NAME
NO.
TYPE
DESCRIPTION
DIO_12
18
Digital I/O
GPIO
DIO_13
19
Digital I/O
GPIO
DIO_14
20
Digital I/O
GPIO
DIO_15
21
Digital I/O
GPIO
DIO_16
26
Digital I/O
GPIO, JTAG_TDO, high-drive capability
DIO_17
27
Digital I/O
GPIO, JTAG_TDI, high-drive capability
DIO_18
28
Digital I/O
GPIO
DIO_19
29
Digital I/O
GPIO
DIO_20
30
Digital I/O
GPIO
DIO_21
31
Digital I/O
GPIO
DIO_22
32
Digital I/O
GPIO
DIO_23
36
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_24
37
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_25
38
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_26
39
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_27
40
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_28
41
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_29
42
Digital/Analog I/O
GPIO, Sensor Controller, Analog
DIO_30
43
Digital/Analog I/O
GPIO, Sensor Controller, Analog
JTAG_TMSC
24
Digital I/O
JTAG TMSC, high-drive capability
JTAG_TCKC
25
Digital I/O
JTAG TCKC
RESET_N
35
Digital input
Reset, active-low. No internal pullup.
Positive RF input signal to LNA during RX
RF_P
1
RF I/O
Positive RF output signal to PA during TX
Negative RF input signal to LNA during RX
RF_N
2
RF I/O
Negative RF output signal to PA during TX
VDDR
45
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC(3)(2)
VDDR_RF
48
Power
1.7-V to 1.95-V supply, typically connect to output of internal DC-DC(4)(2)
VDDS
44
Power
1.8-V to 3.8-V main chip supply(1)
VDDS2
13
Power
1.8-V to 3.8-V DIO supply(1)
VDDS3
22
Power
1.8-V to 3.8-V DIO supply(1)
VDDS_DCDC
34
Power
1.8-V to 3.8-V DC-DC supply
X32K_Q1
3
Analog I/O
32-kHz crystal oscillator pin 1
X32K_Q2
4
Analog I/O
32-kHz crystal oscillator pin 2
X24M_N
46
Analog I/O
24-MHz crystal oscillator pin 1
X24M_P
47
Analog I/O
24-MHz crystal oscillator pin 2
EGP
Power
Ground – Exposed Ground Pad
(3)
If internal DC-DC is not used, this pin is supplied internally from the main LDO.
(4)
If internal DC-DC is not used, this pin must be connected to VDDR for supply from the main LDO.
8
Terminal Configuration and Functions
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: CC2650


Similar Part No. - CC2650_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2650F128RGZR TI1-CC2650F128RGZR Datasheet
1Mb / 64P
[Old version datasheet]   Multistandard Wireless MCU
logo
List of Unclassifed Man...
CC2650F128RGZR ETC1-CC2650F128RGZR Datasheet
73Kb / 1P
   KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
Texas Instruments
CC2650F128RGZT TI1-CC2650F128RGZT Datasheet
1Mb / 64P
[Old version datasheet]   Multistandard Wireless MCU
logo
List of Unclassifed Man...
CC2650F128RGZT ETC1-CC2650F128RGZT Datasheet
73Kb / 1P
   KIT DEV FOR SMART/ZIGBEE/6LOWPAN
logo
Texas Instruments
CC2650F128RHBR TI1-CC2650F128RHBR Datasheet
1Mb / 64P
[Old version datasheet]   Multistandard Wireless MCU
More results

Similar Description - CC2650_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2650 TI1-CC2650 Datasheet
1Mb / 64P
[Old version datasheet]   Multistandard Wireless MCU
CC2650 TI-CC2650_15 Datasheet
1Mb / 52P
[Old version datasheet]   CC2650 SimpleLink Multistandard Wireless MCU
logo
rfsolutions.ltd
DS-ZULU RFSOLUTIONS-DS-ZULU Datasheet
1,004Kb / 9P
   RF Wireless MCU
logo
ON Semiconductor
NCV-RSL15 ONSEMI-NCV-RSL15 Datasheet
622Kb / 36P
   Bluetooth 5.2 Wireless MCU
February, 2023 - Rev. P2
logo
Texas Instruments
CC2630 TI1-CC2630 Datasheet
1Mb / 59P
[Old version datasheet]   6LoWPAN, ZigBee Wireless MCU
logo
Holtek Semiconductor In...
HT66FV240 HOLTEK-HT66FV240 Datasheet
9Mb / 203P
   Wireless Voice Flash MCU
logo
ON Semiconductor
RSL15 ONSEMI-RSL15 Datasheet
272Kb / 36P
   Bluetooth 5.2 Wireless MCU
May, 2022 Rev. 1
logo
Texas Instruments
CC2650MODA TI1-CC2650MODA Datasheet
491Kb / 40P
[Old version datasheet]   Low energy Wireless MCU Module
CC2620 TI1-CC2620 Datasheet
1Mb / 52P
[Old version datasheet]   SimpleLink ZigBee RF4CE Wireless MCU
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
[Old version datasheet]   SimpleLink Bluetooth low energy Wireless MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com