Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MANO830 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # MANO830
Description  PCI Express Mini Card supported
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

MANO830 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  MANO830_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
171
* All specifications and photos are subject to change without notice.
Features
MANO830
Intel® Atom™ D2550/N2600 Mini-ITX SBC
with Intel® NM10, VGA/HDMI/LVDS, PCI
Express Mini Card, PCIe x1 and HD Audio
Intel® Atom™ Cedarview processor D2550 (1.86 GHz)/ N2600
(1.6 GHz) onboard
1 DDR3-1066 MHz max. up to 4 GB
PCIe x1 supported
8 USB 2.0 ports
2 SATA-300 supported
PCI Express Mini Card supported
ATX power supported
Dual view display
Display: VGA/HDMI/LVDS
I/O
Ordering Information
System
Standard
MANO830-D2550
E38M830101
Intel® Atom™ Cedar-view D2550 mini-ITX SBC with Intel®
NM10, VGA/HDMI/LVDS, 2 GbE, HD Audio
MANO830-N2600
E38M830102
Intel® Atom™ Cedar-view N2600 mini-ITX SBC with Intel®
NM10, VGA/HDMI/LVDS, 2 GbE, HD Audio
Packing List
User’s manual/utility CD, cable, I/O bracket
Display
Display Chipset
Intel® GMA graphic core
Memory Size
Shared Memory
Display Interface
1 x VGA
1 x HDMI
1 x LVDS 24bit dual channel
CPU
Intel® Atom™ Cedarview processor D2550 1.86 GHz/ N2600
1.6 GHz onboard
System Memory
1 x 204-pin SO-DIMM DDR3-1066 max. up to 4 GB (N2600
supports DDR3-800 max. up to 2 GB)
Chipset
Intel® NM10
BIOS
AMI UEFI BIOS
SSD
N/A
Watchdog Timer
Reset: 1 ~ 255 sec.
Expansion Interface
1 x PCIe x1
1 x PCI Express Mini Card (By jumper selection for mSATA or
PCIe Mini Card)
Battery
Lithium 3V/220 mAH
Power Requirements
D2550: +5V @ 1.7A, +12V @ 1.5A, +5Vsb @ 0A, +3.3V @ 1.0A
N2600: +5V @ 1.4A, +12V @ 1.4A, +5Vsb @ 0A, +3.3V @ 1.0A
Size
170 x 170 mm
Board Thickness
1.6 mm
Temperature
0° ~ +60°C (32°F ~ 140°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x PS/2 keyboard and mouse
4 x RS-232 (COM 1 ~ COM 4) with 5V/12V jumper selection
1 x LPT
SATA
2 x SATA-300
Ethernet
2 x Realtek RTL8111E for Gigabit LAN
Audio
HD Audio as Mic-in/Line-out with Realtek ALC892
USB
7 x USB 2.0
TPM
N/A
Digital I/O
8 Channels (4-IN & 4-OUT)
SM BUS
N/A
Side view
Audio
LAN 2+
USB 3/4
LAN 1
USB 1/2
COM 1+
VGA
DDR3
ATX
SATA 1/2
USB 5/6/7
PCIe x1
PCI Express
min card
Shared USB 8 &
mSATA
HDMI PS2
KB+ MS
COM 2/3/4
LPT
LVDS
DDR3
DDR3
DDR3
PCIe Mini
PCIe Mini
PCIe Mini
Low Power
Fanless
DualView


Similar Part No. - MANO830_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO830 AXIOMTEK-MANO830_17 Datasheet
290Kb / 1P
   Mini-ITX SBC with Intel Atom D2550/N2600, Intel NM10, VGA/HDMI/LVDS
More results

Similar Description - MANO830_16

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
MANO830 AXIOMTEK-MANO830 Datasheet
274Kb / 1P
   PCI Express Mini Card supported
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
Axiomtek Co., Ltd.
CAPA801 AXIOMTEK-CAPA801 Datasheet
281Kb / 1P
   PCI Express Mini Card expansion
CAPA800 AXIOMTEK-CAPA800_14 Datasheet
463Kb / 2P
   PCI Express Mini Card expansion
CAPA801 AXIOMTEK-CAPA801_14 Datasheet
508Kb / 2P
   PCI Express Mini Card expansion
CAPA841 AXIOMTEK-CAPA841_14 Datasheet
660Kb / 1P
   2 PCI Express Mini Card
logo
Adam Technologies, Inc.
MPE-52-R-SMT-XX ADAM-TECH-MPE-52-R-SMT-XX Datasheet
105Kb / 1P
   MINI PCI EXPRESS CONNECTOR
MIN-PCI ADAM-TECH-MIN-PCI Datasheet
91Kb / 1P
   MINI PCI EXPRESS CONNECTOR
MPE-52-R-SMT-XX-TR ADAM-TECH-MPE-52-R-SMT-XX-TR Datasheet
110Kb / 1P
   MINI PCI EXPRESS CONNECTOR
logo
Axiomtek Co., Ltd.
OPS883 AXIOMTEK-OPS883 Datasheet
344Kb / 1P
   Supports 1 PCI Express Mini Card
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com