Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGH27060F Datasheet(PDF) 8 Page - Cree, Inc

Part # CGH27060F
Description  60 W Peak, 28V, GaN HEMT for Linear Communications from VHF to 3 GHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH27060F Datasheet(HTML) 8 Page - Cree, Inc

Back Button CGH27060F_15 Datasheet HTML 4Page - Cree, Inc CGH27060F_15 Datasheet HTML 5Page - Cree, Inc CGH27060F_15 Datasheet HTML 6Page - Cree, Inc CGH27060F_15 Datasheet HTML 7Page - Cree, Inc CGH27060F_15 Datasheet HTML 8Page - Cree, Inc CGH27060F_15 Datasheet HTML 9Page - Cree, Inc CGH27060F_15 Datasheet HTML 10Page - Cree, Inc CGH27060F_15 Datasheet HTML 11Page - Cree, Inc CGH27060F_15 Datasheet HTML 12Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
CGH27060F Rev 5.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2007-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
CGH27060F-AMP Demonstration Amplifier Circuit Schematic
CGH27060F-AMP Demonstration Amplifier Circuit Outline


Similar Part No. - CGH27060F_15

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
logo
WOLFSPEED, INC.
CGH27060F WOLFSPEED-CGH27060F Datasheet
4Mb / 12P
   60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11
More results

Similar Description - CGH27060F_15

ManufacturerPart #DatasheetDescription
logo
WOLFSPEED, INC.
CGH27060F WOLFSPEED-CGH27060F Datasheet
4Mb / 12P
   60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11
logo
Cree, Inc
CGH27015 CREE-CGH27015 Datasheet
1Mb / 12P
   15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CGH27030 CREE-CGH27030 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
CGH27030F CREE-CGH27030F_15 Datasheet
1Mb / 12P
   30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
logo
WOLFSPEED, INC.
CGH27015 WOLFSPEED-CGH27015 Datasheet
3Mb / 12P
   15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3
CGH27030 WOLFSPEED-CGH27030 Datasheet
2Mb / 12P
   30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20
logo
Cree, Inc
CGH35060F2 CREE-CGH35060F2 Datasheet
1Mb / 11P
   60 W, 3100-3500 MHz, 28V, GaN HEMT
CGH35060F1 CREE-CGH35060F1 Datasheet
2Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
logo
WOLFSPEED, INC.
CGH35060F1_P1 WOLFSPEED-CGH35060F1_P1 Datasheet
1Mb / 12P
   60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28
logo
Cree, Inc
CGH27060F CREE-CGH27060F Datasheet
824Kb / 8P
   60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com