Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IPC912-213-FL-HAB100-AC Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # IPC912-213-FL-HAB100-AC
Description  DC to DC power supply supports 10V ~ 30V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

IPC912-213-FL-HAB100-AC Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  IPC912-213-FL-HAB100-AC Datasheet HTML 1Page - Axiomtek Co., Ltd. IPC912-213-FL-HAB100-AC Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
410
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
7
Optional Items
Power Protection
Packing List
Ordering Information
Dimensions
Front & Rear Metal Panel I/O Layout
PCIe Version
IPC912-213-FL-HAB100 DC
(P/N: E26G912113)
2-slot fanless system with Intel® Core™ i7/i5/i3 processor,
PCIe slots and DC-in ATX 150W P/S
IPC912-213-FL-HAB100 AC
(P/N: E26G912112)
2-slot fanless system with Intel® Core™ i7/i5/i3 processor,
PCIe slots, DC-in ATX 150W P/S, AC-DC 150W power
adapter and US power cord
PCI+PCIe Version
IPC912-213-FL-HAB103 DC
(P/N: E26G912117)
2-slot fanless system with Intel® Core™ i7/i5/i3 processor,
PCI & PCIe slots and DC-in ATX 150W P/S
IPC912-213-FL-HAB103 AC
(P/N: E26G912116)
2-slot fanless system with Intel® Core™ i7/i5/i3 processor,
PCI & PCIe slots , DC-in ATX 150W P/S, AC-DC150W power
adapter and US power cord
*Specifications and certifications are based on options and may vary.
DDR3 SO-DIMM: 2 GB, 4 GB, 8 GB
CFast™: 2 GB, 4 GB, 8 GB
Embedded OS: XPE-SP3 OS image and license
2.5" SATA HDD: 250 GB, 320 GB, 500 GB
19V 150W adapter and US power cord (for AC version)
Driver CD
Quick manual
Wall mount bracket x 2
Foot pad x 4
HDD bracket x 1
Screw pack x 1
Thermal Pad for RAM x 1
Terminal block x 1 (for DC version)
Remote power switch cable x 1
AC Version
OVP (over voltage protection)
OTP (over temperature protection)
OPP (over power protection)
SCP (short circuit protection)
DC Version
OVP (over voltage protection)
SCP (short circuit protection)
OCP (over current protection)
1. Ethernet x 2
2. VGA port
3. USB 2.0 x 2
4. LED for power & HDD
5. ATX power switch
6. Power connector (Din-jack or Phoenix plug)
7. RS-232/422/485 (COM 1)
RS-232 (COM 2/3/4)
8. Remote power switch
9. USB 2.0 x 4
1
9
8
7
6
5
2
3
4


Similar Part No. - IPC912-213-FL-HAB100-AC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC912-213-FL AXIOMTEK-IPC912-213-FL Datasheet
485Kb / 2P
   Supports 2 expansion slots
IPC912-213-FL AXIOMTEK-IPC912-213-FL_17 Datasheet
483Kb / 2P
   2-slot Fanless System with Intel Core i7/i5/i3 & Celeron Processor
More results

Similar Description - IPC912-213-FL-HAB100-AC

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
IPC924-212-FL AXIOMTEK-IPC924-212-FL_15 Datasheet
520Kb / 2P
   DC to DC power supply supports 10~30V
IPC932-230-FL AXIOMTEK-IPC932-230-FL Datasheet
507Kb / 2P
   DC to DC power supply supports 10~30V
IPC934-230-FL AXIOMTEK-IPC934-230-FL_16 Datasheet
507Kb / 2P
   DC to DC power supply supports 10~30V
IPC914-213-FL AXIOMTEK-IPC914-213-FL_16 Datasheet
456Kb / 2P
   DC to DC power supply supports 10~30V
logo
Dubilier
ZKS-400WX-A DUBILIER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports 400W AC-DC ATX Power Supply supports
logo
Skyworks Solutions Inc.
SKY77916 SKYWORKS-SKY77916_21 Datasheet
91Kb / 2P
   Supports APT, buck DC-DC supply
SKY77912 SKYWORKS-SKY77912_21 Datasheet
90Kb / 2P
   Supports APT, buck DC-DC supply
logo
BOSER Technology Co., L...
ZKS-400WX-A BOSER-ZKS-400WX-A Datasheet
64Kb / 1P
   400W AC-DC ATX Power Supply supports ATX2.03
ZKS-250WX BOSER-ZKS-250WX Datasheet
60Kb / 1P
   250W AC-DC ATX Power Supply supports ATX2.03
ZKS-300WX-A BOSER-ZKS-300WX-A Datasheet
65Kb / 1P
   300W AC-DC ATX Power Supply supports ATX2.03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com